| Electronic Components Datasheet Search |
|
PCF8534A Datasheet(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534A Datasheet(HTML) 28 Page - NXP Semiconductors |
|
28 / 52 page ![]() PCF8534A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 25 July 2011 28 of 52 NXP Semiconductors PCF8534A Universal LCD driver for low multiplex rates 8.5 I2C-bus controller The PCF8534A acts as an I2C-bus slave receiver. It does not initiate I2C-bus transfers or transmit data to an I2C-bus master receiver. The only data output from the PCF8534A are the acknowledge signals of the selected devices. Device selection depends on the I2C-bus slave address, on the transferred command data and on the hardware subaddress. In single device applications, the hardware subaddress inputs A0, A1, and A2 are normally tied to VSS which defines the hardware subaddress 0. In multiple device applications A0, A1, and A2 are tied to VSS or VDD using a binary coding scheme, so that no two devices with a common I2C-bus slave address have the same hardware subaddress. 8.6 Input filters To enhance noise immunity in electrically adverse environments, RC low-pass filters are provided on the SDA and SCL lines. 8.7 I2C-bus protocol Two I2C-bus slave addresses (0111 000 and 0111 001) are used to address the PCF8534A. The entire I2C-bus slave address byte is shown in Table 16. The PCF8534A is a write-only device and does not respond to a read access, therefore bit 0 should always be logic 0. Bit 1 of the slave address byte, that a PCF8534A will respond to, is defined by the level tied to its SA0 input (VSS for logic 0 and VDD for logic 1). Having two reserved slave addresses allows the following on the same I2C-bus: • Up to 16 PCF8534A for large LCD applications • The use of two types of LCD multiplex drive The I2C-bus protocol is shown in Figure 18. The sequence is initiated with a START condition (S) from the I2C-bus master which is followed by one of the available PCF8534A slave addresses. All PCF8534A with the same SA0 level acknowledge in parallel to the slave address. All PCF8534A with the alternative SA0 level ignore the whole I2C-bus transfer. Table 16. I2C slave address byte Slave address Bit 7 6 5 4 3 2 1 0 MSB LSB 01 11 00 SA0 R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |