Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-53 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9148-53
Description  Frequency Generator & Integrated Buffers for Mother Boards
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-53 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9148-53 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
ICS9148-53
Pin Descriptions
Notes:
1:
Internal Pull-up Resistor of 240K to 3.3V on indicated inputs
2:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor to
program logic Hi to VDD or GND for logic low.
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
VDD1
PWR
Ref (0:2), XTAL power supply, nominal 3.3V
2
REF0
OUT
14.318 MHz reference clock.
FS3
IN
Frequency select pin. Latched Input. Along with other FS pins determins the
CPU, SDRAM, PCI & AGP frewuencies.
3,9,16,22,27,
33,39,45
GND
PWR
Ground
4X1
IN
Crystal input, has internal load cap (33pF) and feedback
resistor from X2
5
X2
OUT
Crystal output, nominally 14.318MHz. Has internal load
cap (33pF)
6
VDD2
PWR
Supply for PCICLK_F and PCICLK (0:5), nominal 3.3V
7
PCICLK_F
OUT
Free running PCI clock output. Synchronous with CPUCLKs with 1-4ns skew
(CPU early) This is not affected by PCI_STOP#
FS11, 2
IN
Frequency select pin. Latched Input. Along with other FS pins determins the
CPU, SDRAM, PCI & AGP frewuencies.
8
PCICLK0
OUT
PCI clock outputs. Synchrounous CPUCLKs with 1-4ns skew (CPU early)
FS21, 2
IN
Frequency select pin. Latched Input
10, 11, 12, 13, 47
PCICLK(1:5)
OUT
PCI clock outputs. Synchrounous CPUCLKs with 1-4ns skew (CPU early)
14
VDD5
PWR
Supply for fixed PLL, 48MHz, AGP0
15
BUFFERIN
IN
Input pin for SDRAM buffers.
17
CPU_STOP#
IN
Halts CPUCLK (0:3) clocks at logic 0 level, when input low (in Mobile
Mode, MODE=0)
SDRAM 11
OUT
SDRAM clock output
18
PCI_STOP#1
IN
Halts PCICLK(0:5) clocks at logic 0 level, when input low (In mobile mode,
MODE=0)
SDRAM 10
OUT
SDRAM clock output
28, 29, 31, 32, 34,
35,37,38
SDRAM (0:9)
OUT
SDRAM clock outputs.
20
AGP_STOP#
1
IN
This asynchronous input halts AGP(1:2) clocks at logic "0" level when input
low (in Mobile Mode, MODE=0) Does not affect AGP0
SDRAM9
OUT
SDRAM clock output
21
PD#
1
IN
This asyncheronous Power Down input Stops the VCO, crystal & internal
clocks when active, Low. (In Mobile Mode, MODE=0)
SDRAM8
OUT
SDRAM clock output
19,30,36
VDD3
PWR
Supply for SDRAM (0:11), CPU Core, 48MHz clocks,
nominal 3.3V.
23
SDATA
IN
Data input for I2C serial input.
24
SCLK
IN
Clock input of I2C input
25
AGP0
OUT
Advanced Graphic Port output, powered by VDD4. Not affected by
AGP_STOP#
MODE1, 2
IN
Pin 17, 18, 20 & 21 function select pin, 1=Desktop Mode, 0=Mobile Mode.
Latched Input.
26
48MHz
OUT
48MHz output clock for USB timing.
FS01, 2
IN
Frequency select pin. Latched Input. Along with other FS pins determins the
CPU, SDRAM, PCI & AGP frewuencies.
41, 43, 44
CPUCLK(0:3)
OUT
CPU clock outputs, powered by VDDL2. Low if CPU_STOP#=Low
40
SDRAM12
OUT
Feedback SDRAM clock output.
42
VDDL
PWR
Supply for CPU (0:3), either 2.5V or 3.3V nominal
46
AGP1
OUT
Advanced Graphic Port output powered by VDD4.
48
VDD4
PWR
Supply for AGP (0:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com