Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-53 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9148-53
Description  Frequency Generator & Integrated Buffers for Mother Boards
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-53 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9148-53 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
ICS9148-53
Functionality
VDD1, 2, 3, 4 = 3.3V±5%, TA= 0 to 70°C
Crystal(X1,X2)=14.31818MHz
FS3
FS2
FS1
FS0
CPU,SDRAM
(MHZ)
PCI (MHZ) AGP (MHZ)
REF, IOAPIC
(MHZ)
1111
133
44.33
88.67
14.318
1110
124
41.33
82.67
14.318
1101
150
50
100
14.318
1100
140
46.67
93.33
14.318
1011
105
35
70
14.318
1010
112
37.33
74.67
14.318
1001
115
38.33
76.66
14.318
1000
120
40
80
14.318
0111
100
33.3
66.6
14.318
0110
95.25
31.75
63.5
14.318
0101
83.3
33.3
66.6
14.318
0100
75
30
60
14.318
0011
75
37.575
14.318
0010
68.5
34.25
68.5
14.318
0001
66.8
33.4
66.8
14.318
0000
60
30
60
14.318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com