Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-53 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9148-53
Description  Frequency Generator & Integrated Buffers for Mother Boards
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-53 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9148-53 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9148-53
Block Diagram
Pentium is a trademark of Intel Corporation
I
2C is a trademark of Philips Corporation
Frequency Generator & Integrated Buffers for Mother Boards
9148-53 Rev C 08/14/98
Pin Configuration
48-Pin SSOP
Power Groups
VDD1=REF(0:1),X1,X2
VDD2=PCICLK_F,PCICLK(0:5)
VDD3 = SDRAM (0:12), supply for PLL core
VDD4=AGP(1:2)
VDD5=FixedPLL,48MHz,AGP0
VDDL= CPUCLK(0:3)
* Internal Pull-up Resistor of
240K to 3.3V on indicated inputs
The ICS9148-53 generates all clocks required for high speed
RISC or CISC microprocessor systems such as Intel
PentiumPro, AMD or Cyrix. Sixteen different reference
frequency multiplying factors are externally selectable with
smooth frequency transitions.
Spread spectrum may be enabled through I2C programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9148-53
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Serial programming I2C interface allows changing functions,
stop clock programming and frequency selection. The
SDRAM12 output may be used as a feed back into an off chip
PLL.
•
Generates the following system clocks:
-3CPU(2.5V/3.3V)upto150MHz.
- 7 PCI(3.3V) (including one free
running PCICLK)
-2AGP(3.3V)@2x PCI
- 13 SDRAMs(3.3V) up to 150MHz
-1REF(3.3V)@14.318MHz
- 1 Fixed clock 3.3V @ 48MHz
•
Skew characteristics:
- CPU – CPU<250ps
- CPU(early) – PCI : 1-4ns
•
Supports Spread Spectrum modulation & I2C
programming for Power Management, Frequency Select
•
Efficient Power management scheme through power
down CPU, PCI,AGPand CPU_STOPclocks.
•
Uses external 14.318MHz crystal
•
48pin300milSSOP.
•
Read back of FS pin values from I2C
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9148-53

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
More results

Similar Description - ICS9148-53

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev B 04/25/01
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevA 5/29/97
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 072897
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevB 12/09/97
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 020398
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
Frequency Generator & Integrated Buffers
Rev B 11/16/00
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
Frequency Generator & Integrated Buffers
Rev E 10/12/99
ICS9148-75 ICST-ICS9148-75 Datasheet
642Kb / 17P
Frequency Generator & Integrated Buffers for Mother Boards
Rev C 3/01/00
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com