Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-53 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9148-53
Description  Frequency Generator & Integrated Buffers for Mother Boards
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-53 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9148-53 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
ICS9148-53
General I
2C serial interface information
A.
For the clock generator to be addressed by an I2C controller, the following address must be sent as a start sequence, with
an acknoledge bit between each byte.
B.
The clock generator is a slave/receiver I2C component. It can read back the data stored in the latches for verification. (set
R/W# to 1 above) Read-Back will support Intel PIIX4 "Block-Read" protocol, with a "Byte count" following the
address with R/W#=1, then proceding to Byte 0, 1, 2, ...until STOP.
C.
The data transfer rate supported by this clock generator is 100K bits/sec (standard mode)
D.
The input is operating at 3.3V logic levels.
E.
The data byte format is 8 bit bytes.
F.
To simplify the clock generator I2C interface, the protocol is set to use only "Block Writes" from the controller. The
bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte
has been transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those
two bytes. The data is loaded until a Stop sequence is issued.
G.
The Fixed clocks 48MHz and 24MHz are not addressable in the registers for Stopping. These output are always running,
except in Tristate Mode.
H.
At power-on, all registers are set to a default condition. Byte 0 defaults to a 0, Bytes 1 through 5 default to a 1
(Enabled output state).
Then Byte 0, 1, 2, etc in
sequence until STOP.
Clock Generator
Address (7 bits)
ACK
+ 8 bits dummy
command code
ACK
+ 8 bits dummy
Byte count
ACK
A(6:0) & R/W#
D2(H)
Then Byte 0, 1, 2, etc. in
sequence until STOP.
Clock Generator
Address (7 bits)
ACK
Byte Count
Readback
ACK
A(6:0) & R/W#
D3(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com