Electronic Components Datasheet Search
  English  ▼

X  

ICS9148-53 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9148-53
Description  Frequency Generator & Integrated Buffers for Mother Boards
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-53 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9148-53 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148-53 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
ICS9148-53
CPU3.3#_2.5
Input level
(Latched Data)
Buffer Selected for
operation at:
12.5V VDD
03.3V VDD
CPU 3.3#_2.5V Buffer selector for CPUCLK drivers.
Power Management Functionality
Mode Pin - Power Management Input Control
MODE, Pin 25
(Latched Input)
Pin 17
Pin 18
Pin 20
Pin 21
0
CPU_STOP#
(INPUT)
PCI_STOP#
(INPUT)
AGP_STOP#
(INPUT)
PD#
(INPUT)
1
SDRAM 11
(OUTPUT)
SDRAM 10
(OUTPUT)
SDRAM 9
(OUTPUT)
SDRAM 8
(OUTPUT)
AGP_STOP# CPU_STOP#
PCI_STOP#
AGP,
CPUCLK
Outputs
PCICLK
(0:5)
PCICLK_F,
REF, 48MHz
and SDRAM
Crystal
OSC
VCO
AGP(1:2)
1
0
1
Stopped Low
Running
Running
Running
Running
Running
1
1
1
Running
Running
Running
Running
Running
Running
1
1
0
Running
Stopped Low
Running
Running
Running
Running
0
1
1
Running
Running
Running
Running
Running
Stopped Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com