Electronic Components Datasheet Search
  English  ▼

X  

28F010 Datasheet(PDF) 9 Page - Intel Corporation

Part # 28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F010 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 28F010 Datasheet HTML 5Page - Intel Corporation 28F010 Datasheet HTML 6Page - Intel Corporation 28F010 Datasheet HTML 7Page - Intel Corporation 28F010 Datasheet HTML 8Page - Intel Corporation 28F010 Datasheet HTML 9Page - Intel Corporation 28F010 Datasheet HTML 10Page - Intel Corporation 28F010 Datasheet HTML 11Page - Intel Corporation 28F010 Datasheet HTML 12Page - Intel Corporation 28F010 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
28F010
Read Command
While VPP is high for erasure and programming
memory contents can be accessed via the read
command The read operation is initiated by writing
00H into the command register
Microprocessor
read cycles retrieve array data The device remains
enabled for reads until the command register con-
tents are altered
The default contents of the register upon VPP pow-
er-up is 00H This default value ensures that no spu-
rious alteration of memory contents occurs during
the VPP power transition Where the VPP supply is
hard-wired to the 28F010 the device powers-up and
remains enabled for reads until the command-regis-
ter contents are changed Refer to the AC Read
Characteristics and Waveforms for specific timing
parameters
Intelligent Identifier Command
Flash memories are intended for use in applications
where the local CPU alters memory contents As
such manufacturer- and device-codes must be ac-
cessible while the device resides in the target sys-
tem PROM programmers typically access signature
codes by raising A9 to a high voltage However mul-
tiplexing high voltage onto address lines is not a de-
sired system-design practice
The 28F010 contains an Intelligent Identifier opera-
tion to supplement traditional PROM-programming
methodology The operation is initiated by writing
90H into the command register Following the com-
mand write a read cycle from address 0000H re-
trieves the manufacturer code of 89H A read cycle
from address 0001H returns the device code of
B4H To terminate the operation it is necessary to
write another valid command into the register
Set-up EraseErase Commands
Set-up Erase is a command-only operation that
stages the device for electrical erasure of all bytes in
the array The set-up erase operation is performed
by writing 20H to the command register
To commence chip-erasure the erase command
(20H) must again be written to the register The
erase operation begins with the rising edge of the
WE
pulse and terminates with the rising edge of
the next WE
pulse (ie Erase-Verify Command)
This two-step sequence of set-up followed by execu-
tion ensures that memory contents are not acciden-
tally erased Also chip-erasure can only occur when
high voltage is applied to the VPP pin In the absence
of this high voltage memory contents are protected
against erasure Refer to AC Erase Characteristics
and Waveforms for specific timing parameters
Erase-Verify Command
The erase command erases all bytes of the array in
parallel After each erase operation all bytes must
be verified The erase verify operation is initiated by
writing A0H into the command register The address
for the byte to be verified must be supplied as it is
latched on the falling edge of the WE
pulse The
register write terminates the erase operation with the
rising edge of its WE
pulse
The 28F010 applies an internally-generated margin
voltage to the addressed byte Reading FFH from
the addressed byte indicates that all bits in the byte
are erased
The erase-verify command must be written to the
command register prior to each byte verification to
latch its address The process continues for each
byte in the array until a byte does not return FFH
data or the last address is accessed
In the case where the data read is not FFH another
erase operation is performed
(Refer to Set-up
EraseErase) Verification then resumes from the
address of the last-verified byte Once all bytes in
the array have been verified the erase step is com-
plete The device can be programmed At this point
the verify operation is terminated by writing a valid
command (eg Program Set-up) to the command
register Figure 6 the Quick Erase algorithm illus-
trates how commands and bus operations are com-
bined to perform electrical erasure of the 28F010
Refer to AC Erase Characteristics and Waveforms
for specific timing parameters
Set-up ProgramProgram Commands
Set-up program is a command-only operation that
stages the device for byte programming Writing 40H
into the command register performs the set-up
operation
Once the program set-up operation is performed
the next WE
pulse causes a transition to an active
programming operation
Addresses are internally
latched on the falling edge of the WE
pulse Data
is internally latched on the rising edge of the WE
pulse The rising edge of WE
also begins the pro-
gramming operation The programming operation
terminates with the next rising edge of WE
used
to write the program-verify command Refer to AC
Programming Characteristics and Waveforms for
specific timing parameters
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com