Electronic Components Datasheet Search
  English  ▼

X  

28F010 Datasheet(PDF) 20 Page - Intel Corporation

Part # 28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F010 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 28F010 Datasheet HTML 16Page - Intel Corporation 28F010 Datasheet HTML 17Page - Intel Corporation 28F010 Datasheet HTML 18Page - Intel Corporation 28F010 Datasheet HTML 19Page - Intel Corporation 28F010 Datasheet HTML 20Page - Intel Corporation 28F010 Datasheet HTML 21Page - Intel Corporation 28F010 Datasheet HTML 22Page - Intel Corporation 28F010 Datasheet HTML 23Page - Intel Corporation 28F010 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
28F010
AC TESTING INPUTOUTPUT
WAVEFORM(1)
290207 – 7
AC test inputs are driven at VOH (24 VTTL) for a Logic
‘‘1’’ and VOL (045 VTTL) for a Logic ‘‘0’’ Input timing
begins at VIH (20 VTTL) and VIL (08 VTTL) Output tim-
ing ends at VIH and VIL Input rise and fall times (10%
to 90%) k10 ns
HIGH SPEED AC TESTING INPUTOUTPUT
WAVEFORM(2)
290207 – 8
AC test inputs are driven at 30V for a Logic ‘‘1’’ and
00V for a Logic ‘‘0’’ Input timing begins and output
timing ends at 15V Input rise and fall times (10% to
90%) k10 ns
AC TESTING LOAD CIRCUIT(1)
CL e 100 pF
CL includes Jig Capacitance
290207 – 22
RL e 33 KX
HIGH SPEED AC TESTING LOAD CIRCUIT(2)
CL e 30 pF
CL includes Jig Capacitance
290207 – 23
RL e 33 KX
AC TEST CONDITIONS(1)
Input Rise and Fall Times (10% to 90%)
10 ns
Input Pulse Levels
045V and 24V
Input Timing Reference Level
08V and 20V
Output Timing Reference Level
08V and 20V
Capacitive Load
100 pF
HIGH-SPEED AC TEST CONDITIONS(2)
Input Rise and Fall Times (10% to 90%)
10 ns
Input Pulse Levels
00V and 30V
Input Timing Reference Level
15V
Output Timing Reference Level
15V
Capacitive Load
30 pF
NOTES
1 Testing characteristics for 28F010-65 in standard configuration and 28F010-90 28F010-120 and 28F010-150
2 Testing characteristics for 28F010-65 in high speed configuration
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com