Electronic Components Datasheet Search
  English  ▼

X  

28F010 Datasheet(PDF) 19 Page - Intel Corporation

Part # 28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F010 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 28F010 Datasheet HTML 15Page - Intel Corporation 28F010 Datasheet HTML 16Page - Intel Corporation 28F010 Datasheet HTML 17Page - Intel Corporation 28F010 Datasheet HTML 18Page - Intel Corporation 28F010 Datasheet HTML 19Page - Intel Corporation 28F010 Datasheet HTML 20Page - Intel Corporation 28F010 Datasheet HTML 21Page - Intel Corporation 28F010 Datasheet HTML 22Page - Intel Corporation 28F010 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
28F010
DC CHARACTERISTICSCMOS COMPATIBLEExtended Temperature
Products (Continued)
Symbol
Parameter
Notes
Limits
Unit
Test Conditions
Min
Typical(4)
Max
VPPL
VPP during Read-Only
000
65
V
NOTE
ErasePrograms are
Operations
Inhibited when VPP e VPPL
VPPH
VPP during ReadWrite
1140
1260
V
Operations
VLKO
VCC EraseWrite Lock
25
V
Voltage
CAPACITANCE
TA e 25 C f e 10 MHz
Symbol
Parameter
Notes
Limits
Unit
Conditions
Min
Max
CIN
AddressControl Capacitance
3
8
pF
VIN e 0V
COUT
Output Capacitance
3
12
pF
VOUT e 0V
NOTES
1 All currents are in RMS unless otherwise noted Typical values at VCC e 50V VPP e 120V T e 25 C These currents
are valid for all product versions (packages and speeds)
2 Not 100% tested characterization data available
3 Sampled not 100% tested
4 ‘‘Typicals’’ are not guaranteed but based on a limited number of samples from production lots
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com