Electronic Components Datasheet Search
  English  ▼

X  

28F010 Datasheet(PDF) 10 Page - Intel Corporation

Part # 28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F010 Datasheet(HTML) 10 Page - Intel Corporation

Back Button 28F010 Datasheet HTML 6Page - Intel Corporation 28F010 Datasheet HTML 7Page - Intel Corporation 28F010 Datasheet HTML 8Page - Intel Corporation 28F010 Datasheet HTML 9Page - Intel Corporation 28F010 Datasheet HTML 10Page - Intel Corporation 28F010 Datasheet HTML 11Page - Intel Corporation 28F010 Datasheet HTML 12Page - Intel Corporation 28F010 Datasheet HTML 13Page - Intel Corporation 28F010 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
28F010
Program-Verify Command
The 28F010 is programmed on a byte-by-byte basis
Byte programming may occur sequentially or at ran-
dom Following each programming operation the
byte just programmed must be verified
The program-verify operation is initiated by writing
C0H into the command register The register write
terminates the programming operation with the ris-
ing edge of its WE
pulse The program-verify oper-
ation stages the device for verification of the byte
last programmed No new address information is
latched
The 28F010 applies an internally-generated margin
voltage to the byte A microprocessor read cycle
outputs the data A successful comparison between
the programmed byte and true data means that the
byte is successfully programmed Programming then
proceeds to the next desired byte location Figure 5
the 28F010 Quick Pulse Programming algorithm il-
lustrates how commands are combined with bus op-
erations to perform byte programming Refer to AC
Programming Characteristics and Waveforms for
specific timing parameters
Reset Command
A reset command is provided as a means to safely
abort the erase- or program-command sequences
Following either set-up command (erase or program)
with two consecutive writes of FFH will safely abort
the operation Memory contents will not be altered
A valid command must then be written to place the
device in the desired state
EXTENDED ERASEPROGRAM CYCLING
EEPROM cycling failures have always concerned
users The high electrical field required by thin oxide
EEPROMs for tunneling can literally tear apart the
oxide at defect regions To combat this some sup-
pliers have implemented redundancy schemes re-
ducing cycling failures to insignificant levels Howev-
er redundancy requires that cell size be doubled
an expensive solution
Intel has designed extended cycling capability into
its ETOX flash memory technology Resulting im-
provements in cycling reliability come without in-
creasing memory cell size or complexity First an
advanced tunnel oxide increases the charge carry-
ing ability ten-fold Second the oxide area per cell
subjected to the tunneling electric field is one-tenth
that of common EEPROMs minimizing the probabili-
ty of oxide defects in the region Finally the peak
electric
field
during
erasure
is
approximately
2 MVcm lower than EEPROM The lower electric
field greatly reduces oxide stress and the probability
of failure
The 28F010 is capable or 100000 programerase
cycles The device is programmed and erased using
Intel’s Quick Pulse Programming and Quick Erase
algorithms Intel’s algorithmic approach uses a se-
ries of operations (pulses) along with byte verifica-
tion to completely and reliably erase and program
the device
For further information see Reliability Report RR-60
QUICK PULSE PROGRAMMING ALGORITHM
The Quick Pulse Programming algorithm uses pro-
gramming operations of 10 ms duration Each opera-
tion is followed by a byte verification to determine
when the addressed byte has been successfully pro-
grammed The algorithm allows for up to 25 pro-
gramming operations per byte although most bytes
verify on the first or second operation The entire
sequence of programming and byte verification is
performed with VPP at high voltage Figure 5 illus-
trates the Quick Pulse Programming algorithm
QUICK ERASE ALGORITHM
Intel’s Quick Erase algorithm yields fast and reliable
electrical erasure of memory contents The algo-
rithm employs a closed-loop flow similar to the
Quick Pulse Programming algorithm
to simulta-
neously remove charge from all bits in the array
Erasure begins with a read of memory contents The
28F010 is erased when shipped from the factory
Reading FFH data from the device would immedi-
ately be followed by device programming
For devices being erased and reprogrammed uni-
form and reliable erasure is ensured by first pro-
gramming all bits in the device to their charged state
(Data e 00H) This is accomplished using the Quick
Pulse Programming algorithm in approximately two
seconds
Erase execution then continues with an initial erase
operation Erase verification (data e FFH) begins at
address 0000H and continues through the array to
the last address or until data other than FFH is en-
countered With each erase operation an increasing
number of bytes verify to the erased state Erase
efficiency may be improved by storing the address of
the last byte verified in a register Following the next
erase operation verification starts at that stored ad-
dress location Erasure typically occurs in one sec-
ond Figure 6 illustrates the Quick Erase algorithm
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com