Electronic Components Datasheet Search
  English  ▼

X  

28F010 Datasheet(PDF) 1 Page - Intel Corporation

Part # 28F010
Description  1024K (128K x 8) CMOS FLASH MEMORY
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F010 Datasheet(HTML) 1 Page - Intel Corporation

  28F010 Datasheet HTML 1Page - Intel Corporation 28F010 Datasheet HTML 2Page - Intel Corporation 28F010 Datasheet HTML 3Page - Intel Corporation 28F010 Datasheet HTML 4Page - Intel Corporation 28F010 Datasheet HTML 5Page - Intel Corporation 28F010 Datasheet HTML 6Page - Intel Corporation 28F010 Datasheet HTML 7Page - Intel Corporation 28F010 Datasheet HTML 8Page - Intel Corporation 28F010 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
November 1995
COPYRIGHT
INTEL CORPORATION 1995
Order Number 290207-010
28F010
1024K (128K x 8) CMOS FLASH MEMORY
Y
Flash Electrical Chip-Erase
1 Second Typical Chip-Erase
Y
Quick Pulse Programming Algorithm
10 ms Typical Byte-Program
2 Second Chip-Program
Y
100000 EraseProgram Cycles
Y
120V g5% VPP
Y
High-Performance Read
65 ns Maximum Access Time
Y
CMOS Low Power Consumption
10 mA Typical Active Current
50 mA Typical Standby Current
0 Watts Data Retention Power
Y
Integrated ProgramErase Stop Timer
Y
Command Register Architecture for
MicroprocessorMicrocontroller
Compatible Write Interface
Y
Noise Immunity Features
g
10% VCC Tolerance
Maximum Latch-Up Immunity
through EPI Processing
Y
ETOXTM Nonvolatile Flash Technology
EPROM-Compatible Process Base
High-Volume Manufacturing
Experience
Y
JEDEC-Standard Pinouts
32-Pin Plastic Dip
32-Lead PLCC
32-Lead TSOP
(See Packaging Spec Order
231369)
Y
Extended Temperature Options
Intel’s 28F010 CMOS flash memory offers the most cost-effective and reliable alternative for readwrite
random access nonvolatile memory The 28F010 adds electrical chip-erasure and reprogramming to familiar
EPROM technology Memory contents can be rewritten in a test socket in a PROM-programmer socket on-
board during subassembly test in-system during final test and in-system after-sale The 28F010 increases
memory flexibility while contributing to time and cost savings
The 28F010 is a 1024 kilobit nonvolatile memory organized as 131072 bytes of 8 bits Intel’s 28F010 is
offered in 32-pin plastic dip or 32-lead PLCC and TSOP packages Pin assignments conform to JEDEC
standards for byte-wide EPROMs
Extended erase and program cycling capability is designed into Intel’s ETOX (EPROM Tunnel Oxide) process
technology Advanced oxide processing an optimized tunneling structure and lower electric field combine to
extend reliable cycling beyond that of traditional EEPROMs With the 120V VPP supply the 28F010 performs
100000 erase and program cycles well within the time limits of the Quick Pulse Programming and Quick Erase
algorithms
Intel’s 28F010 employs advanced CMOS circuitry for systems requiring high-performance access speeds low
power consumption and immunity to noise Its 65 nanosecond access time provides no-WAIT-state perform-
ance for a wide range of microprocessors and microcontrollers Maximum standby current of 100 mA trans-
lates into power savings when the device is deselected Finally the highest degree of latch-up protection is
achieved through Intel’s unique EPI processing Prevention of latch-up is provided for stresses up to 100 mA
on address and data pins from b1V to VCC a 1V
With Intel’s ETOX process base the 28F010 builds on years of EPROM experience to yield the highest levels
of quality reliability and cost-effectiveness


Similar Part No. - 28F010

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
28F010 1024K (128K X 8) CMOS FLASH MEMORY
More results

Similar Description - 28F010

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
128K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
28F010 1024K (128K X 8) CMOS FLASH MEMORY
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
128K X 8 CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com