Electronic Components Datasheet Search
  English  ▼

X  

28F016SV Datasheet(PDF) 17 Page - Intel Corporation

Part # 28F016SV
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SV Datasheet(HTML) 17 Page - Intel Corporation

Back Button 28F016SV Datasheet HTML 13Page - Intel Corporation 28F016SV Datasheet HTML 14Page - Intel Corporation 28F016SV Datasheet HTML 15Page - Intel Corporation 28F016SV Datasheet HTML 16Page - Intel Corporation 28F016SV Datasheet HTML 17Page - Intel Corporation 28F016SV Datasheet HTML 18Page - Intel Corporation 28F016SV Datasheet HTML 19Page - Intel Corporation 28F016SV Datasheet HTML 20Page - Intel Corporation 28F016SV Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
E
28F016SV FlashFile™ MEMORY
17
4.0 BUS OPERATIONS, COMMANDS AND STATUS REGISTER DEFINITIONS
4.1 Bus Operations for Word-Wide Mode (BYTE# = VIH)
Mode
Notes
RP#
CE1#CE0#
OE#
WE#
A1
DQ0–15
RY/BY#
Read
1,2,7
VIH
VIL
VIL
VIL
VIH
XDOUT
X
Output Disable
1,6,7
VIH
VIL
VIL
VIH
VIH
X
High Z
X
Standby
1,6,7
VIH
VIL
VIH
VIH
VIH
VIL
VIH
X
X
X
High Z
X
Deep Power-Down
1,3
VIL
XXXXX
High Z
VOH
Manufacturer ID
4
VIH
VIL
VIL
VIL
VIH
VIL
0089H
VOH
Device ID
4,8
VIH
VIL
VIL
VIL
VIH
VIH
66A0H
VOH
Write
1,5,6
VIH
VIL
VIL
VIH
VIL
XDIN
X
4.2 Bus Operations for Byte-Wide Mode (BYTE# = VIL)
Mode
Notes
RP#
CE1#CE0#
OE#
WE#
A0
DQ0–7
RY/BY#
Read
1,2,7
VIH
VIL
VIL
VIL
VIH
XDOUT
X
Output Disable
1,6,7
VIH
VIL
VIL
VIH
VIH
X
High Z
X
Standby
1,6,7
VIH
VIL
VIH
VIH
VIH
VIL
VIH
X
X
X
High Z
X
Deep Power-Down
1,3
VIL
XXXXX
High Z
VOH
Manufacturer ID
4
VIH
VIL
VIL
VIL
VIH
VIL
89H
VOH
Device ID
4,8
VIH
VIL
VIL
VIL
VIH
VIH
A0H
VOH
Write
1,5,6
VIH
VIL
VIL
VIH
VIL
XDIN
X
NOTES:
1.
X can be V
IH or VIL for address or control pins except for RY/BY#, which is either VOL or VOH.
2.
RY/BY# output is open drain. When the WSM is ready, Erase is suspended or the device is in deep power-down mode.
RY/BY# will be at V
OH if it is tied to VCC through a resistor. RY/BY# at VOH is independent of OE# while a WSM operation
is in progress.
3.
RP# at GND ± 0.2V ensures the lowest deep power-down current.
4.
A
0 and A1 at VIL provide device manufacturer codes in x8 and x16 modes respectively. A0 and A1 at VIH provide device ID
codes in x8 and x16 modes respectively. All other addresses are set to zero.
5.
Commands for erase, data program, or lock-block operations can only be completed successfully when V
PP = VPPH1 or
V
PP = VPPH2.
6.
While the WSM is running, RY/BY# in level-mode (default) stays at V
OL until all operations are complete. RY/BY# goes to
V
OH when the WSM is not busy or in erase suspend mode.
7.
RY/BY# may be at V
OL while the WSM is busy performing various operations (for example, a Status Register read during a
program operation).
8.
The 28F016SV shares an identical device identifier (66A0H in word-wide mode, A0H in byte-wide mode) with the
28F016SA. See application note
AP-393 28F016SV Compatibility with 28F016SA for software and hardware techniques to
differentiate between the 28F016SV and 28F016SA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com