Electronic Components Datasheet Search
  English  ▼

X  

28F016SV Datasheet(PDF) 39 Page - Intel Corporation

Part # 28F016SV
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SV Datasheet(HTML) 39 Page - Intel Corporation

Back Button 28F016SV Datasheet HTML 35Page - Intel Corporation 28F016SV Datasheet HTML 36Page - Intel Corporation 28F016SV Datasheet HTML 37Page - Intel Corporation 28F016SV Datasheet HTML 38Page - Intel Corporation 28F016SV Datasheet HTML 39Page - Intel Corporation 28F016SV Datasheet HTML 40Page - Intel Corporation 28F016SV Datasheet HTML 41Page - Intel Corporation 28F016SV Datasheet HTML 42Page - Intel Corporation 28F016SV Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
E
28F016SV FlashFile™ MEMORY
39
5.6 AC Characteristics—Read Only Operations(1) (Continued)
VCC = 5V ± 0.5V, 5V ± 0.25V, TA = 0°C to +70°C, –40°C to +85°C
Temp
Commercial
Comm/Ext
Speed
–65
–70
–80
Sym
Parameter
VCC
5V ± 5%V
5V ± 10%
5V ± 10%
Units
Load
30 pF
50 pF
50 pF
Notes
Min
Max
Min
Max
Min
Max
tAVAV
Read Cycle Time
65
70
80
ns
tAVQV
Address to Output Delay
65
70
80
ns
tELQV
CE# to Output Delay
2,8
65
70
80
ns
tPHQV
RP# to Output Delay
400
480(6)
400(7)
480
ns
tGLQV
OE# to Output Delay
2
30
30(6)
35(7)
35
ns
tELQX
CE# to Output in Low Z
3,8
0
0
0
ns
tEHQZ
CE# to Output in High Z
3,8
25
25
30
ns
tGLQX
OE# to Output in Low Z
3
0
0
0
ns
tGHQZ
OE# to Output in High Z
3
15
15
20
ns
tOH
Output Hold from
Address, CE# or OE#
Change, Whichever
Occurs First
3,8
0
0
0
ns
tFLQV
tFHQV
BYTE# to Output Delay
3
65
70
80
ns
tFLQZ
BYTE# Low to Output in
High Z
3
252530
ns
tELFL
tELFH
CE# Low to BYTE#
High or Low
3,8
5
5
5
ns
Extended Status Register Reads
tAVEL
Address Setup to CE#
Going Low
3,4,8,9
0
0
0
ns
tAVGL
Address Setup to OE#
Going Low
3,4,9
0
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com