Electronic Components Datasheet Search
  English  ▼

X  

28F016SV Datasheet(PDF) 49 Page - Intel Corporation

Part # 28F016SV
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SV Datasheet(HTML) 49 Page - Intel Corporation

Back Button 28F016SV Datasheet HTML 45Page - Intel Corporation 28F016SV Datasheet HTML 46Page - Intel Corporation 28F016SV Datasheet HTML 47Page - Intel Corporation 28F016SV Datasheet HTML 48Page - Intel Corporation 28F016SV Datasheet HTML 49Page - Intel Corporation 28F016SV Datasheet HTML 50Page - Intel Corporation 28F016SV Datasheet HTML 51Page - Intel Corporation 28F016SV Datasheet HTML 52Page - Intel Corporation 28F016SV Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
E
28F016SV FlashFile™ MEMORY
49
5.9 AC Characteristics for CE#—Controlled Command Write Operations(1)
VCC = 3.3V ± 0.3V, TA = 0°C +70°C, –40°C +85°C
Temp
Commercial
Extended
Commercial
Sym
Parameter
Speed
–80
–100
–120
Unit
Notes
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
tAVAV
Write Cycle Time
80
100
120
ns
tVPEH1,2 VPP Setup to CE#
Going High
3,7
100
100
100
ns
tPHWL
RP# Setup to WE#
Going Low
3
480
480
480
ns
tWLEL
WE# Setup to CE#
Going Low
3,7
0
0
0
ns
tAVEH
Address Setup to
CE# Going High
2,6,7
60
70
75
ns
tDVEH
Data Setup to CE#
Going High
2,6,7
60
70
75
ns
tELEH
CE# Pulse Width
7
65
70
75
ns
tEHDX
Data Hold from CE#
High
2,7
10
10
10
ns
tEHAX
Address Hold from
CE# High
2,7
10
30
10
ns
tEHWH
WE# hold from CE#
High
35
0
10
ns
tEHEL
CE# Pulse Width
High
7
15
100
45
ns
tGHEL
Read Recovery
before Write
30
0
0
ns
tEHRL
CE# High to
RY/BY# Going Low
3,7
100
1
100
ns
tRHPL
RP# Hold from
Valid Status
Register (CSR,
GSR, BSR) Data
and RY/BY# High
3
0
75
0
ns
tPHEL
RP# High Recovery
to CE# Going Low
3,7
0.480
0
1
µs
tEHGL
Write Recovery
before Read
55
95
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com