Electronic Components Datasheet Search
  English  ▼

X  

28F016SV Datasheet(PDF) 30 Page - Intel Corporation

Part # 28F016SV
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SV Datasheet(HTML) 30 Page - Intel Corporation

Back Button 28F016SV Datasheet HTML 26Page - Intel Corporation 28F016SV Datasheet HTML 27Page - Intel Corporation 28F016SV Datasheet HTML 28Page - Intel Corporation 28F016SV Datasheet HTML 29Page - Intel Corporation 28F016SV Datasheet HTML 30Page - Intel Corporation 28F016SV Datasheet HTML 31Page - Intel Corporation 28F016SV Datasheet HTML 32Page - Intel Corporation 28F016SV Datasheet HTML 33Page - Intel Corporation 28F016SV Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
28F016SV FlashFile™ MEMORY
E
30
5.3 DC Characteristics (Continued)
VCC = 3.3V ± 10%V, TA = 0°C to +70°C, –40°C to +70°C
3/5# = Pin Set High for 3.3V Operations
Temp
Commercial
Extended
Sym
Parameter
Notes
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
ICCR2VCC Read
Current
1,4,
5,6
20
30
20
35
mA
VCC = VCC Max
CMOS: CE0#, CE1#
= GND ± 0.2V,
BYTE# = GND ±
0.2V or VCC ±
0.2V, Inputs =
GND ± 0.2V or
VCC ± 0.2V
TTL: CE0#, CE1# =
VIL, BYTE# = VIL
or VIH, Inputs =
VIL or VIH
f = 4 MHz, IOUT =
0 mA
ICCW
VCC Program
Current for
Word or Byte
1,6
8
12
8
12
mA
VPP = 12V ± 5%
Program in
Progress
8
17
8
17
mA
VPP = 5V ± 10%
Program in
Progress
ICCE
VCC Block
Erase
Current
1,6
6
12
6
12
mA
VPP = 12V ± 5%
Block Erase in
Progress
9
17
9
17
mA
VPP = 5V ± 10%
Block Erase in
Progress
ICCES
VCC Erase
Suspend
Current
1,2
1
4
1
4
mA
CE0#, CE1# = VIH
Block Erase
Suspended
IPPS
VPP Standby/
1
± 1
± 10
± 3
± 10
µA
VPP ≤ VCC
IPPR
Read Current
30
200
70
200
µA
VPP > VCC
IPPD
VPP Deep
Power-Down
Current
1
0.2
5
0.2
5
µA
RP# = GND ± 0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com