Electronic Components Datasheet Search
  English  ▼

X  

28F016SV Datasheet(PDF) 48 Page - Intel Corporation

Part # 28F016SV
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SV Datasheet(HTML) 48 Page - Intel Corporation

Back Button 28F016SV Datasheet HTML 44Page - Intel Corporation 28F016SV Datasheet HTML 45Page - Intel Corporation 28F016SV Datasheet HTML 46Page - Intel Corporation 28F016SV Datasheet HTML 47Page - Intel Corporation 28F016SV Datasheet HTML 48Page - Intel Corporation 28F016SV Datasheet HTML 49Page - Intel Corporation 28F016SV Datasheet HTML 50Page - Intel Corporation 28F016SV Datasheet HTML 51Page - Intel Corporation 28F016SV Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
28F016SV FlashFile™ MEMORY
E
48
V
V
WE# (W)
OE# (G)
RP# (P)
V
PP
CEx # (E)
(V)
DEEP
POWER-DOWN
IH
IL
V
V
IH
IL
V
V
IH
IL
ADDRESSES (A)
t
AVAV
t
WHAX
t
WHEH
ELWL
t
t
WHDX
WHWL
t
V
V
IH
IL
t
WLWH
t
DVWH
V
IH
IL
V
V
IH
V
IL
PHWL
t
HIGH Z
IN
DD
IN
IN
A
t
t
QVVL2
D
IN
IL
V
PPH2
V
PPLK
V
t
VPWH2
READ EXTENDED
STATUS REGISTER DATA
DATA (D/Q)
WHQV1,2
WRITE DATA-WRITE OR
ERASE SETUP COMMAND
WRITE VALID ADDRESS
& DATA (DATA-WRITE) OR
ERASE CONFIRM COMMAND
AUTOMATED DATA-WRITE
OR ERASE DELAY
V
V
RY/BY# (R)
t
WHRL
t
WHGL
OH
OL
V
V
IH
IL
ADDRESSES (A)
t
AVAV
AVWH
t
t
WHAX
IN
A
READ COMPATIBLE
STATUS REGISTER DATA
D
IN
WRITE READ EXTENDED
REGISTER COMMAND
A=RA
NOTE 1
NOTE 2
NOTE 3
NOTE 4
D
OUT
AVWH
t
t
RHPL
t
GHWL
NOTE 5
PPH1
V
NOTE 7
NOTE 6
t
VPWH1
t
QVVL1
0528_15
NOTES:
1. This address string depicts data program/erase cycles with corresponding verification via ESRD.
2. This address string depicts data program/erase cycles with corresponding verification via CSRD.
3. This cycle is invalid when using CSRD for verification during data program/erase operations.
4. CEX# is defined as the latter of CE0# or CE1# going low or the first of CE0# or CE1# going high.
5. RP# low transition is only to show t
RHPL; not valid for above read and program cycles.
6. V
PP voltage during program/erase operations valid at both 12V and 5V.
7. V
PP voltage equal to or below VPPLK provides complete flash memory array protection.
Figure 15. AC Waveforms for Command Write Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com