Electronic Components Datasheet Search
  English  ▼

X  

28F016SV Datasheet(PDF) 35 Page - Intel Corporation

Part # 28F016SV
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SV Datasheet(HTML) 35 Page - Intel Corporation

Back Button 28F016SV Datasheet HTML 31Page - Intel Corporation 28F016SV Datasheet HTML 32Page - Intel Corporation 28F016SV Datasheet HTML 33Page - Intel Corporation 28F016SV Datasheet HTML 34Page - Intel Corporation 28F016SV Datasheet HTML 35Page - Intel Corporation 28F016SV Datasheet HTML 36Page - Intel Corporation 28F016SV Datasheet HTML 37Page - Intel Corporation 28F016SV Datasheet HTML 38Page - Intel Corporation 28F016SV Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
E
28F016SV FlashFile™ MEMORY
35
5.4 DC Characteristics (Continued)
VCC = 5V ± 0.5V, 5V ± 0.25V, TA = 0°C to +70°C, –40°C to +85°C
3/5# = Pin Set Low for 5V Operations
Temp
Commercial
Extended
Sym
Parameter
Notes
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
IPPW
VPP Program
Current for
Word or Byte
1,6
7
12
7
12
mA
VPP = 12V ± 5%
Program in
Progress
17
22
17
22
mA
VPP = 5V ± 10%
Program in
Progress
IPPE
VPP Block
Erase
Current
1,6
5
10
5
10
mA
VPP = 12V ± 5%
Block Erase in
Progress
16
20
16
20
mA
VPP = 5V ± 10%
Block Erase in
Progress
IPPES
VPP Erase
Suspend
Current
1
30
200
30
200
µA
VPP = VPPH1 or
VPPH2
Block Erase
Suspended
VIL
Input Low
Voltage
6
–0.5
0.8
0.8
V
VIH
Input High
Voltage
6
2.0
VCC+
0.5
VCC+
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com