Electronic Components Datasheet Search
  English  ▼

X  

28F020 Datasheet(PDF) 17 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 13Page - Intel Corporation 28F020 Datasheet HTML 14Page - Intel Corporation 28F020 Datasheet HTML 15Page - Intel Corporation 28F020 Datasheet HTML 16Page - Intel Corporation 28F020 Datasheet HTML 17Page - Intel Corporation 28F020 Datasheet HTML 18Page - Intel Corporation 28F020 Datasheet HTML 19Page - Intel Corporation 28F020 Datasheet HTML 20Page - Intel Corporation 28F020 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
E
28F020
17
Table 4. 28F020 Typical Update Power Dissipation(4)
Operation
Notes
Power Dissipation (Watt-Seconds)
Array Program/Program Verify
1
0.34
Array Erase/Erase Verify
2
0.37
One Complete Cycle
3
1.05
NOTES:
1.
Formula to calculate typical Program/Program Verify Power = [VPP x # Bytes typical # Prog Pulse (tWHWH1 × IPP2 typical +
tWHGL × IPP4 typical)] + [VCC × # Bytes × typical # Prog Pulses (tWHWH1 × ICC2 typical + tWHGL × ICC4 typical)].
2.
Formula to calculate typical Erase/Erase Verify Power = [VPP (IPP3 typical × tERASE typical + IPP5 typical × tWHGL × # Bytes)]
+ [VCC (ICC3 typical × tERASE typical + ICC5 typical × tWHGL × # Bytes)].
3.
One Complete Cycle = Array Preprogram + Array Erase + Program.
4.
“Typicals” are not guaranteed but based on a limited number of samples from 28F020-150 production lots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com