Electronic Components Datasheet Search
  English  ▼

X  

28F020 Datasheet(PDF) 30 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 26Page - Intel Corporation 28F020 Datasheet HTML 27Page - Intel Corporation 28F020 Datasheet HTML 28Page - Intel Corporation 28F020 Datasheet HTML 29Page - Intel Corporation 28F020 Datasheet HTML 30Page - Intel Corporation 28F020 Datasheet HTML 31Page - Intel Corporation 28F020 Datasheet HTML 32Page - Intel Corporation 28F020 Datasheet HTML 33Page - Intel Corporation 28F020 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
28F020
E
30
4.9
AC Characteristics—Write/Erase/Program Only Operations
(1)—
Commercial and Extended Temperature Products
Versions
28F020-90(4)
28F020-120(4)
28F020-150(4)
Symbol
Characteristics
Notes
Min
Max
Min
Max
Min
Max
Unit
tAVAV/
tWC
Write Cycle Time
90
120
150
ns
tAVWL/
tAS
Address Set-Up
Time
00
0
ns
tWLAX/
tAH
Address Hold Time
40
40
40
ns
555
tDVWH/
tDS
Data Set-Up Time
40
40
40
ns
555
55
tWHDX/
tDH
Data Hold Time
10
10
10
ns
tWHGL
Write Recovery Time
before Read
66
6
µs
tGHWL
Read Recovery
Time before Write
20
0
0
ns
tELWL/
tCS
Chip Enable Set-Up
Time before Write
15
15
15
ns
tWHEH/
tCH
Chip Enable Hold
Time
00
0
ns
tWLWH/
tWP
Write Pulse Width
40
60
60
ns
555
55
tWHWL/
tWPH
Write Pulse Width
High
20
20
20
ns
tWHWH1
Duration of
Programming
Operation
310
10
10
µs
tWHWH2
Duration of Erase
Operation
3
9.5
9.5
9.5
ms
tVPEL
VPP Set-Up Time to
Chip Enable Low
21
1
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com