Electronic Components Datasheet Search
  English  ▼

X  

28F020 Datasheet(PDF) 27 Page - Intel Corporation

Part # 28F020
Description  28F020 2048K (256K X 8) CMOS FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F020 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 28F020 Datasheet HTML 23Page - Intel Corporation 28F020 Datasheet HTML 24Page - Intel Corporation 28F020 Datasheet HTML 25Page - Intel Corporation 28F020 Datasheet HTML 26Page - Intel Corporation 28F020 Datasheet HTML 27Page - Intel Corporation 28F020 Datasheet HTML 28Page - Intel Corporation 28F020 Datasheet HTML 29Page - Intel Corporation 28F020 Datasheet HTML 30Page - Intel Corporation 28F020 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
E
28F020
27
Output
Test Points
Input
2.0
0.8
2.0
0.8
2.4
0.45
0245_06
AC test inputs are driven at VOH (2.4 VTTL) for a Logic “1”
and VOL (0.45 VTTL) for a Logic “0.” Input timing begins at
VIH (2.0 VTTL) and VIL (0.8 VTTL). Output timing ends at VIH
and VIL. Input rise and fall times (10% to 90%)
<10 ns.
Figure 6. Testing Input/Output Waveform(1)
Device
Under Test
Out
R
L = 3.3 kΩ
1N914
1.3V
C
L = 100 pF
0245_07
CL Includes Jig Capacitance
Figure 7. AC Testing Load Circuit(1)
Output
Test Points
Input
1.5
3.0
0.0
1.5
0245_08
AC test inputs are driven at 3.0 V for a Logic “1” and 0.0 V
for a Logic “0.” Input timing begins, and output timing ends,
at 1.5 V. Input rise and fall times (10% to 90%)
<10 ns.
Figure 8. High Speed AC Testing Input/Output
Waveforms(2)
Device
Under Test
Out
R
L = 3.3 kΩ
1N914
1.3V
C
L = 30 pF
0245_09
CL Includes Jig Capacitance
Figure 9. High Speed AC Testing Load Circuit(2)
NOTES:
1.
Testing characteristics for 28F020-70 in standard configuration, and 28F020-90 and 28F020-150.
2.
Testing characteristics for 28F020-70 in high speed configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com