Electronic Components Datasheet Search
  English  ▼

X  

AD5231 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5231 Datasheet HTML 4Page - Analog Devices AD5231 Datasheet HTML 5Page - Analog Devices AD5231 Datasheet HTML 6Page - Analog Devices AD5231 Datasheet HTML 7Page - Analog Devices AD5231 Datasheet HTML 8Page - Analog Devices AD5231 Datasheet HTML 9Page - Analog Devices AD5231 Datasheet HTML 10Page - Analog Devices AD5231 Datasheet HTML 11Page - Analog Devices AD5231 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5231
Data Sheet
Rev. D | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
16
15
14
13
12
11
10
9
RDY
VDD
A
W
TOP VIEW
(Not to Scale)
AD5231
1
2
3
4
5
6
7
8
CLK
SDI
SDO
VSS
GND
T
O1
B
O2
CS
PR
WP
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
O1
Nonvolatile Digital Output 1. ADDR = 0x1, data bit position D0. For example, to store O1 high, the data bit
format is 0x310001.
2
CLK
Serial Input Register Clock Pin. Shifts in one bit at a time on positive clock edges.
3
SDI
Serial Data Input Pin. Shifts in one bit at a time on positive clock CLK edges. MSB loaded first.
4
SDO
Serial Data Output Pin. Serves readback and daisy-chain functions.
Command 9 and Command 10 activate the SDO output for the readback function, delayed by 24 or 25 clock
pulses, depending on the clock polarity before and after the data-word (see Figure 3, Figure 4, and Table 7).
In other commands, the SDO shifts out the previously loaded SDI bit pattern, delayed by 24 or 25 clock pulses
depending on the clock polarity (see Figure 3 and Figure 4). This previously shifted-out SDI can be used for
daisy-chaining multiple devices.
Whenever SDO is used, a pull-up resistor in the range of 1 kΩ to 10 kΩ is needed.
5
GND
Ground Pin. Logic ground reference.
6
VSS
Negative Supply. Connect to 0 V for single-supply applications. If VSS is used in dual-supply applications, it must be
able to sink 40 mA for 25 ms when storing data to EEMEM.
7
T
Reserved for factory testing. Connect to VDD or VSS.
8
B
Terminal B of RDAC.
9
W
Wiper Terminal of RDAC. ADDR (RDAC) = 0x0.
10
A
Terminal A of RDAC.
11
VDD
Positive Power Supply Pin.
12
WP
Optional Write Protect Pin. When active low, WP prevents any changes to the present contents, except PR and
Instruction 1 and Instruction 8 and refreshes the RDAC register from EEMEM. Execute a NOP instruction before
returning to WP high. Tie WP to VDD, if not used.
13
PR
Optional Hardware Override Preset Pin. Refreshes the scratchpad register with current contents of the EEMEM
register. Factory default loads midscale 51210 until EEMEM is loaded with a new value by the user. PR is activated
at the logic high transition. Tie PR to VDD, if not used.
14
CS
Serial Register Chip Select Active Low. Serial register operation takes place when CS returns to logic high.
15
RDY
Ready. Active-high open-drain output. Identifies completion of Instructions 2, 3, 8, 9, 10, and PR.
16
O2
Nonvolatile Digital Output 2. ADDR = 0x1, data bit position D1. For example, to store O2 high, the data bit
format is 0x310002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com