Electronic Components Datasheet Search
  English  ▼

X  

AD5231 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5231 Datasheet HTML 20Page - Analog Devices AD5231 Datasheet HTML 21Page - Analog Devices AD5231 Datasheet HTML 22Page - Analog Devices AD5231 Datasheet HTML 23Page - Analog Devices AD5231 Datasheet HTML 24Page - Analog Devices AD5231 Datasheet HTML 25Page - Analog Devices AD5231 Datasheet HTML 26Page - Analog Devices AD5231 Datasheet HTML 27Page - Analog Devices AD5231 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD5231
Data Sheet
Rev. D | Page 26 of 28
RDAC CIRCUIT SIMULATION MODEL
The internal parasitic capacitances and the external load
dominates the ac characteristics of the RDACs. The −3 dB
bandwidth of the AD5231BRU10 (10 kΩ resistor) measures
370 kHz at half scale when configured as a potentiometer
divider. Figure 15 provides the large signal BODE plot charac-
teristics. A parasitic simulation mode is shown in Figure 57.
A
RDAC
10kΩ
W
B
CA
50pF
CB
50pF
CW
50pF
Figure 57. RDAC Circuit Simulation Model for RDAC = 10 kΩ
The following code provides a macro model net list for the
10 kΩ RDAC:
.PARAM D = 1024, RDAC = 10E3
*
.SUBCKT DPOT (A, W, B)
*
CA
A
0
50E-12
RWA
A
W
{(1-D/1024)* RDAC + 15}
CW
W
0
50E-12
RWB
W
B
{D/1024 * RDAC + 15}
CB
B
0
50E-12
*
.ENDS DPOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com