Electronic Components Datasheet Search
  English  ▼

X  

AD5231 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5231 Datasheet HTML 6Page - Analog Devices AD5231 Datasheet HTML 7Page - Analog Devices AD5231 Datasheet HTML 8Page - Analog Devices AD5231 Datasheet HTML 9Page - Analog Devices AD5231 Datasheet HTML 10Page - Analog Devices AD5231 Datasheet HTML 11Page - Analog Devices AD5231 Datasheet HTML 12Page - Analog Devices AD5231 Datasheet HTML 13Page - Analog Devices AD5231 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5231
Data Sheet
Rev. D | Page 10 of 28
CODE (Decimal)
60
0
256
512
768
1024
128
384
640
896
50
40
30
20
10
0
VDD = 2.7V, VSS = 0V
TA = 25°C
Figure 12. Wiper On Resistance vs. Code
TEMPERATURE (°C)
4
–40
0
40
80
–20
20
60
100
3
2
1
0
–1
IDD @ VDD/VSS = 5V/0V
ISS @ VDD/VSS = 5V/0V
IDD @ VDD/VSS = 2.7V/0V
ISS @ VDD/VSS = 2.7V/0V
Figure 13. IDD vs. Temperature, RAB = 10 kΩ
CLOCK FREQUENCY (MHz)
0.25
0
2
4
6
8
10
12
0.20
0.15
0.10
0.05
0
VDD = 5V
VSS = 0V
MIDSCALE
ZERO-SCALE
FULL-SCALE
Figure 14. IDD vs. Clock Frequency, RAB = 10 kΩ
FREQUENCY (Hz)
2
0
–16
1k
10k
–2
–4
–12
–6
–8
–10
–14
100k
1M
f–3dB = 37kHz, RAB = 10kΩ
f–3dB = 44kHz, RAB = 100kΩ
f–3dB = 85kHz, RAB = 50kΩ
VA = 1mV rms
VDD/VSS = ±2.5V
D = MIDSCALE
Figure 15. −3 dB Bandwidth vs. Resistance (Figure 32)
FREQUENCY (kHz)
0.12
0.01
0.10
0.08
0.04
0
0.1
1
10
100
0.06
0.02
VDD/VSS = ±2.5V
VA = 1V rms
RAB = 10kΩ
50kΩ
100kΩ
Figure 16. Total Harmonic Distortion vs. Frequency
FREQUENCY (Hz)
0
–50
1k
–25
100k
10k
–5
–30
–35
–40
–45
–20
–10
–15
1M
10M
CODE = 0x200
0x100
0x80
0x40
0x20
0x10
0x01
0x02
0x04
0x08
Figure 17. Gain vs. Frequency vs. Code, RAB = 10 kΩ (Figure 32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com