Electronic Components Datasheet Search
  English  ▼

X  

AD5231 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5231 Datasheet HTML 19Page - Analog Devices AD5231 Datasheet HTML 20Page - Analog Devices AD5231 Datasheet HTML 21Page - Analog Devices AD5231 Datasheet HTML 22Page - Analog Devices AD5231 Datasheet HTML 23Page - Analog Devices AD5231 Datasheet HTML 24Page - Analog Devices AD5231 Datasheet HTML 25Page - Analog Devices AD5231 Datasheet HTML 26Page - Analog Devices AD5231 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD5231
Rev. D | Page 23 of 28
APPLICATIONS
BIPOLAR OPERATION FROM DUAL SUPPLIES
The AD5231 can be operated from dual supplies ±2.5 V, which
enables control of ground referenced ac signals or bipolar
operation. AC signals as high as VDD/VSS can be applied directly
across Terminal A to Terminal B with output taken from
Terminal W. See Figure 46 for a typical circuit connection.
±2.5V p-p
AD5231
VSS
GND
SDI
CLK
SS
SCLK
MOSI
GND
µC
±1.25V p-p
VDD
VDD
+2.5V
–2.5V
CS
D = MIDSCALE
A
W
B
Figure 46. Bipolar Operation from Dual Supplies
HIGH VOLTAGE OPERATION
The digital potentiometer can be placed directly in the feedback
or input path of an op amp for gain control, provided that the
voltage across Terminals A–B, Terminals W–A, or Terminals
W–B does not exceed |5 V|. When high voltage gain is needed,
users should set a fixed gain in an op amp operated at a higher
voltage and let the digital potentiometer control the adjustable
input. Figure 47 shows a simple implementation.
R
2R
5V
AD5231
A
W
B
15V
V+
V–
VO
0V TO 15V
A1
–
+
CC
2.2pF
Figure 47. 15 V Voltage Span Control
BIPOLAR PROGRAMMABLE GAIN AMPLIFIER
There are several ways to achieve bipolar gain. Figure 48 shows
one versatile implementation. Digital potentiometer U1 sets the
adjustment range; the wiper voltage VW2 can, therefore, be
programmed between Vi and −KVi at a given U2 setting. For
linear adjustment, configure A2 as a noninverting amplifier and
the transfer function becomes
−
+
×
×
 +
=
K
K
D
R1
R2
V
V
2
I
O
)
1
(
1024
1
(4)
where:
K is the ratio of RWB/RWA that is set by U1.
D is the decimal equivalent of the input code.
V+
V–
OP2177
AD5231
V+
V–
OP2177
AD5231
Vi
A
W
B
–KVi
A
B
W
VDD
VO
VSS
R1
R2
A
U2
A2
U1
CC
2.2pF
VDD
VSS
Figure 48. Bipolar Programmable Gain Amplifier
In the simpler (and much more usual) case where K = 1,
a pair of matched resistors can replace U1. Equation 4 can be
simplified to
−
×
 +
=
1
1024
2
1
2
D
R1
R2
V
V
I
O
(5)
Table 20 shows the result of adjusting D with A2 configured as a
unity gain, a gain of 2, and a gain of 10. The result is a bipolar
amplifier with linearly programmable gain and 1024-step
resolution.
Table 20. Result of Bipolar Gain Amplifier
D
R1 = ∞, R2 = 0
R1 = R2
R2 = 9 × R1
0
−1
−2
−10
256
−0.5
−1
−5
512
0
0
0
768
0.5
1
5
1023
0.992
1.984
9.92
10-BIT BIPOLAR DAC
If the circuit in Figure 48 is changed with the input taken from a
voltage reference and A2 configured as a buffer, a 10-bit bipolar
DAC can be realized. Compared to the conventional DAC, this
circuit offers comparable resolution but not the precision
because of the wiper resistance effects. Degradation of the
nonlinearity and temperature coefficient is prominent near
both ends of the adjustment range. On the other hand, this
circuit offers a unique nonvolatile memory feature that in some
cases outweighs any shortfall in precision.
The output of this circuit is
REF
O
V
D
V
×
−
=
1
1024
2 2
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com