Electronic Components Datasheet Search
  English  ▼

X  

AD5231 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5231 Datasheet HTML 18Page - Analog Devices AD5231 Datasheet HTML 19Page - Analog Devices AD5231 Datasheet HTML 20Page - Analog Devices AD5231 Datasheet HTML 21Page - Analog Devices AD5231 Datasheet HTML 22Page - Analog Devices AD5231 Datasheet HTML 23Page - Analog Devices AD5231 Datasheet HTML 24Page - Analog Devices AD5231 Datasheet HTML 25Page - Analog Devices AD5231 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5231
Data Sheet
Rev. D | Page 22 of 28
FLASH/EEMEM RELIABILITY
The Flash/EE memory array on the AD5231 is fully qualified
for two key Flash/EE memory characteristics, namely Flash/EE
memory cycling endurance and Flash/EE memory data
retention.
Endurance quantifies the ability of the Flash/EE memory to be
cycled through many program, read, and erase cycles. In real
terms, a single endurance cycle is composed of four
independent, sequential events. These events are defined as
•
Initial page erase sequence
•
Read/verify sequence
•
Byte program sequence
•
Second read/verify sequence
During reliability qualification, Flash/EE memory is cycled
from 0x000 to 0x3FF until a first fail is recorded signifying the
endurance limit of the on-chip Flash/EE memory.
As indicated in the Specifications section, the AD5231 Flash/EE
memory endurance qualification has been carried out in
accordance with JEDEC Specification A117 over the industrial
temperature range of −40°C to +85°C. The results allow the
specification of a minimum endurance figure over supply and
temperature of 100,000 cycles, with an endurance figure of
700,000 cycles being typical of operation at 25°C.
Retention quantifies the ability of the Flash/EE memory to
retain its programmed data over time. Again, the AD5231 has
been qualified in accordance with the formal JEDEC Retention
Lifetime Specification (A117) at a specific junction temperature
(TJ = 55°C). As part of this qualification procedure, the
Flash/EE memory is cycled to its specified endurance limit,
described previously, before data retention is characterized.
This means that the Flash/EE memory is guaranteed to retain
its data for its full specified retention lifetime every time the
Flash/EE memory is reprogrammed. It should also be noted
that retention lifetime, based on an activation energy of 0.6 eV,
derates with TJ, as shown in Figure 45. For example, the data is
retained for 100 years at 55°C operation, but reduces to 15 years
at 85°C operation. Beyond these limits, the part must be
reprogrammed so that the data can be restored.
300
250
0
40
200
150
100
50
50
60
70
80
90
100
110
TJ JUNCTION TEMPERATURE (°C)
ANALOG DEVICES
TYPICAL PERFORMANCE
AT TJ = 55°C
Figure 45. Flash/EE Memory Data Retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com