Electronic Components Datasheet Search
  English  ▼

X  

AD5253 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5253 Datasheet HTML 11Page - Analog Devices AD5253 Datasheet HTML 12Page - Analog Devices AD5253 Datasheet HTML 13Page - Analog Devices AD5253 Datasheet HTML 14Page - Analog Devices AD5253 Datasheet HTML 15Page - Analog Devices AD5253 Datasheet HTML 16Page - Analog Devices AD5253 Datasheet HTML 17Page - Analog Devices AD5253 Datasheet HTML 18Page - Analog Devices AD5253 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
AD5253/AD5254
Rev. C | Page 15 of 32
I2C INTERFACE DETAIL DESCRIPTION
From Master to Slave
From Slave to Master
S = start condition
P = stop condition
A = acknowledge (SDA low)
A = not acknowledge (SDA high)
AD1, AD0 = I2C device address bits, must match with the logic states at Pins AD1, AD0
R/W= read enable bit at logic high; write enable bit at logic low
CMD/REG = command enable bit at logic high; register access bit at logic low
EE/RDAC = EEMEM register at logic high; RDAC register at logic low
A4, A3, A2, A1, A0 = RDAC/EEMEM register addresses
0 WRITE
S
0
1
0
1
1
A
D
1
A
D
0
0
A
A
4
A
3
A
2
A
1
A
0
A
P
DATA
0
(1 BYTE +
ACKNOWLEDGE)
SLAVE ADDRESS
INSTRUCTIONS
AND ADDRESS
CMD/
REG
EE/
RDAC
0 REG
A/
A
Figure 27. Single Write Mode
0 WRITE
S
0
1
0
1
1
A
D
1
A
D
0
0
A
A
4
A
3
A
2
A
1
A
0
P
A
A
RDAC_N
DATA
RDAC_N + 1
DATA
0
(N BYTE +
ACKNOWLEDGE)
SLAVE ADDRESS
INSTRUCTIONS
AND ADDRESS
CMD/
REG
EE/
RDAC
0 REG
A/
A
Figure 28. Consecutive Write Mode
Table 6. Addresses for Writing Data Byte Contents to RDAC Registers (R/W = 0, CMD/REG = 0, EE/RDAC = 0)
A4
A3
A2
A1
A0
RDAC
Data Byte Description
0
0
0
0
0
RDAC0
6-/8-bit wiper setting (2 MSB of AD5253 are X)
0
0
0
0
1
RDAC1
6-/8-bit wiper setting (2 MSB of AD5253 are X)
0
0
0
1
0
RDAC2
6-/8-bit wiper setting (2 MSB of AD5253 are X)
0
0
0
1
1
RDAC3
6-/8-bit wiper setting (2 MSB of AD5253 are X)
0
0
1
0
0
Reserved
:
:
:
:
:
:
:
:
:
:
:
:
0
1
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com