Electronic Components Datasheet Search
  English  ▼

X  

AD5253 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5253 Datasheet HTML 22Page - Analog Devices AD5253 Datasheet HTML 23Page - Analog Devices AD5253 Datasheet HTML 24Page - Analog Devices AD5253 Datasheet HTML 25Page - Analog Devices AD5253 Datasheet HTML 26Page - Analog Devices AD5253 Datasheet HTML 27Page - Analog Devices AD5253 Datasheet HTML 28Page - Analog Devices AD5253 Datasheet HTML 29Page - Analog Devices AD5253 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD5253/AD5254
Data Sheet
Rev. C | Page 26 of 32
APPLICATIONS INFORMATION
RGB LED BACKLIGHT CONTROLLER
FOR LCD PANELS
Because high power (>1 W) RGB LEDs offer superior color
quality compared with cold cathode florescent lamps (CCFLs)
as backlighting sources, it is likely that high-end LCD panels
will employ RGB LEDs as backlight in the near future. Unlike
conventional LEDs, high power LEDs have a forward voltage of
2 V to 4 V and consume more than 350 mA at maximum
brightness. The LED brightness is a linear function of the
conduction current, but not of the forward voltage. To increase
the brightness of a given color, multiple LEDs can be connected
in series, rather than in parallel, to achieve uniform brightness.
For example, three red LEDs configured in series require an
average of 6 V to 12 V headroom, but the circuit operation
requires current control. As a result, Figure 45 shows the
implementation of one high power RGB LED controller using a
AD5254, a boost regulator, an op amp, and power MOSFETs.
The ADP1610 (U2 in Figure 45) is an adjustable boost regulator
with its output adjusted by the AD5254’s RDAC3. Such an
output should be set high enough for proper operation but low
enough to conserve power. The ADP1610’s 1.2 V band gap
reference is buffered to provide the reference level for the
voltage dividers set by the AD5254’s RDAC0 to RDAC2 and
Resistor R2 to Resistor R4. For example, by adjusting the
AD5254’s RDAC0, the desirable voltage appears across the
sense resistors, RR. If U2’s output is set properly, op amp U3A
and power MOSFET N1 do whatever is necessary to regulate
the current of the loop. As a result, the current through the
sense resistor and the red LEDs is
R
RR
R
R
V
I =
(8)
R8 is needed to prevent oscillation.
In addition to the 256 levels of adjustable current/brightness,
users can also apply a PWM signal at U3’s SD pin to achieve
finer brightness resolution or better power efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com