Electronic Components Datasheet Search
  English  ▼

X  

AD5253 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5253 Datasheet HTML 24Page - Analog Devices AD5253 Datasheet HTML 25Page - Analog Devices AD5253 Datasheet HTML 26Page - Analog Devices AD5253 Datasheet HTML 27Page - Analog Devices AD5253 Datasheet HTML 28Page - Analog Devices AD5253 Datasheet HTML 29Page - Analog Devices AD5253 Datasheet HTML 30Page - Analog Devices AD5253 Datasheet HTML 31Page - Analog Devices AD5253 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD5253/AD5254
Rev. C | Page 29 of 32
ORDERING GUIDE
Model1, 2, 3
Step
R
AB (kΩ)
Temperature Range
Package Description
Package
Option
Ordering
Quantity
AD5253BRU1
64
1
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5253BRU1-RL7
64
1
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5253BRUZ1
64
1
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5253BRUZ1-RL7
64
1
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5253BRU10
64
10
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5253BRU10-RL7
64
10
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5253BRUZ10
64
10
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5253BRUZ10-RL7
64
10
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5253BRU50
64
50
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5253BRU50-RL7
64
50
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5253BRUZ50
64
50
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5253BRUZ50-RL7
64
50
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5253BRU100
64
100
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5253BRU100-RL7
64
100
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5253BRUZ100
64
100
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5253BRUZ100-RL7
64
100
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5254BRU1
256
1
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5254BRU1-RL7
256
1
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5254BRUZ1
256
1
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5254BRUZ1-RL7
256
1
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5254BRU10
256
10
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5254BRU10-RL7
256
10
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5254BRUZ10
256
10
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5254BRUZ10-RL7
256
10
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5254BRU50
256
50
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5254BRU50-RL7
256
50
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5254BRUZ50
256
50
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5254BRUZ50-RL7
256
50
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5254BRU100
256
100
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5254BRU100-RL7
256
100
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
AD5254BRUZ100
256
100
−40°C to +105°C
20-Lead TSSOP
RU-20
75
AD5254BRUZ100-RL7
256
100
−40°C to +105°C
20-Lead TSSOP
RU-20
1,000
EVAL-AD5254SDZ
256
Evaluation Board
1
1 In the package marking, Line 1 shows the part number. Line 2 shows the branding information, such that B1 = 1 kΩ, B10 = 10 kΩ, and so on. There is also a “#” marking
for the Pb-free part. Line 3 shows the date code in YYWW.
2 Z = RoHS Compliant Part.
3 The evaluation board is shipped with the 10 kΩ R
AB resistor option; however, the board is compatible with all available resistor value options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com