| Electronic Components Datasheet Search |
|
AD5253 Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5253 Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 32 page ![]() AD5253/AD5254 Data Sheet Rev. C | Page 16 of 32 RDAC/EEMEM Write Setting the wiper position requires an RDAC write operation. The single write operation is shown in Figure 27, and the consecutive write operation is shown in Figure 28. In the consecutive write operation, if the RDAC is selected and the address starts at 0, the first data byte goes to RDAC0, the second data byte goes to RDAC1, the third data byte goes to RDAC2, and the fourth data byte goes to RDAC3. This operation can be continued for up to eight addresses with four unused addresses; it then loops back to RDAC0. If the address starts at any of the eight valid addresses, N, the data first goes to RDAC_N, RDAC_N + 1, and so on; it loops back to RDAC0 after the eighth address. The RDAC address is shown in Table 6. While the RDAC wiper setting is controlled by a specific RDAC register, each RDAC register corresponds to a specific EEMEM location, which provides nonvolatile wiper storage functionality. The addresses are shown in Table 7. The single and consecutive write operations also apply to EEMEM write operations. There are 12 nonvolatile memory locations: EEMEM4 to EEMEM15. Users can store 12 bytes of information, such as memory data for other components, look-up tables, or system identification information. In a write operation to the EEMEM registers, the device disables the I2C interface during the internal write cycle. Acknowledge polling is required to determine the completion of the write cycle. See the EEMEM Write-Acknowledge Polling section. RDAC/EEMEM Read The AD5253/AD5254 provide two different RDAC or EEMEM read operations. For example, Figure 29 shows the method of reading the RDAC0 to RDAC3 contents without specifying the address, assuming Address RDAC0 was already selected in the previous operation. If an RDAC_N address other than RDAC0 was previously selected, readback starts with Address N, followed by N + 1, and so on. Figure 30 illustrates a random RDAC or EEMEM read operation. This operation allows users to specify which RDAC or EEMEM register is read by issuing a dummy write command to change the RDAC address pointer and then proceeding with the RDAC read operation at the new address location. Table 7. Addresses for Writing (Storing) RDAC Settings and User-Defined Data to EEMEM Registers (R/W = 0, CMD/REG = 0, EE/RDAC = 1) A4 A3 A2 A1 A0 Data Byte Description 0 0 0 0 0 Store RDAC0 setting to EEMEM01 0 0 0 0 1 Store RDAC1 setting to EEMEM11 0 0 0 1 0 Store RDAC2 setting to EEMEM21 0 0 0 1 1 Store RDAC3 setting to EEMEM31 0 0 1 0 0 Store user data to EEMEM4 0 0 1 0 1 Store user data to EEMEM5 0 0 1 1 0 Store user data to EEMEM6 0 0 1 1 1 Store user data to EEMEM7 0 1 0 0 0 Store user data to EEMEM8 0 1 0 0 1 Store user data to EEMEM9 0 1 0 1 0 Store user data to EEMEM10 0 1 0 1 1 Store user data to EEMEM11 0 1 1 0 0 Store user data to EEMEM12 0 1 1 0 1 Store user data to EEMEM13 0 1 1 1 0 Store user data to EEMEM14 0 1 1 1 1 Store user data to EEMEM15 Table 8. Addresses for Reading (Restoring) RDAC Settings and User Data from EEMEM (R/W = 1, CMD/REG = 0, EE/RDAC = 1) A4 A3 A2 A1 A0 Data Byte Description 0 0 0 0 0 Read RDAC0 setting from EEMEM0 0 0 0 0 1 Read RDAC1 setting from EEMEM1 0 0 0 1 0 Read RDAC2 setting from EEMEM2 0 0 0 1 1 Read RDAC3 setting from EEMEM3 0 0 1 0 0 Read User data from EEMEM4 0 0 1 0 1 Read user data from EEMEM5 0 0 1 1 0 Read user data from EEMEM6 0 0 1 1 1 Read user data from EEMEM7 0 1 0 0 0 Read user data from EEMEM8 0 1 0 0 1 Read user data from EEMEM9 0 1 0 1 0 Read user data from EEMEM10 0 1 0 1 1 Read user data from EEMEM11 0 1 1 0 0 Read user data from EEMEM12 0 1 1 0 1 Read user data from EEMEM13 0 1 1 1 0 Read user data from EEMEM14 0 1 1 1 1 Read user data from EEMEM15 1 Users can store any of the 64 RDAC settings for AD5253 or any of the 256 RDAC settings for the AD5254 directly to the EEMEM. This is not limited to current RDAC wiper setting. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |