Electronic Components Datasheet Search
  English  ▼

X  

AS87196CB Datasheet(PDF) 11 Page - Intel Corporation

Part # AS87196CB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AS87196CB Datasheet(HTML) 11 Page - Intel Corporation

Back Button AS87196CB Datasheet HTML 7Page - Intel Corporation AS87196CB Datasheet HTML 8Page - Intel Corporation AS87196CB Datasheet HTML 9Page - Intel Corporation AS87196CB Datasheet HTML 10Page - Intel Corporation AS87196CB Datasheet HTML 11Page - Intel Corporation AS87196CB Datasheet HTML 12Page - Intel Corporation AS87196CB Datasheet HTML 13Page - Intel Corporation AS87196CB Datasheet HTML 14Page - Intel Corporation AS87196CB Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
87C196CA87C196CB
87C196CB Memory Map
(Continued)
Address
Description
0000FFH
Register RAM – Lower Register File (Address with Direct Indirect or Indexed Modes)(2)
000018H
000017H
CPU SFR’s(4)
000000H
NOTES
1 These areas are mapped internal EPROM if the REMAP bit (CCB22) is set and EA
e
5V Otherwise they are external
memory
2 Code executed in locations 0000H to 003FFH will be forced external
3 Reserved memory locations must contain 0FFH unless noted
4 Reserved SFR bit locations must be written with 0
5 Refer to 8XC196CB User’s Guide for SFR CAN and Paging Descriptions
87C196CA Memory Map
Address
Description
00FFFFH
External Memory
00A000H
009FFFH
Internal EPROM (32 Kbytes)
002080H
00207FH
(Determined by EA
Pin)
Reserved Memory (Internal EPROM or External Memory)
002000H
001FFFH
Memory Mapped Special Function Registers (SFR’s)
001FE0H
001FDFH
Internal Special Function Registers (SFR’s)(1)
001F00H
001EFFH
Internal CAN Peripheral Memory
001E00H
001DFFH
External Memory
000500H
0004FFH
(Address with Indirect or Indexed Modes)
Internal RAM (Code RAM)
000400H
0003FFH
Internal Register RAM – Upper Register File (Address with Indirect or Indexed Modes or
through Windows)(2)
000100H
0000FFH
Internal Register RAM – Lower Register File (Address with Direct Indirect or Indexed
Modes(2)
000018H
000017H
CPU Special Function Registers (SFR’s)(2 4)
000000H
NOTES
1 Refer to 8XC196KX Family User’s Guide for SFR Description
2 Code executed in locations 0000H to 03FFH will be forced external
3 Reserved SFR bit locations must be written with 0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com