Electronic Components Datasheet Search
  English  ▼

X  

28F008SA Datasheet(PDF) 8 Page - Intel Corporation

Part # 28F008SA
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 8 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 4Page - Intel Corporation 28F008SA Datasheet HTML 5Page - Intel Corporation 28F008SA Datasheet HTML 6Page - Intel Corporation 28F008SA Datasheet HTML 7Page - Intel Corporation 28F008SA Datasheet HTML 8Page - Intel Corporation 28F008SA Datasheet HTML 9Page - Intel Corporation 28F008SA Datasheet HTML 10Page - Intel Corporation 28F008SA Datasheet HTML 11Page - Intel Corporation 28F008SA Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
VE28F008
Table 3 Command Definitions
Command
Cycles
Req’d
Bus
Notes
First Bus Cycle
Second Bus Cycle
Operation Address Data Operation Address Data
Read ArrayReset
1
1
Write
X
FFH
Intelligent Identifier
3
2 3 4
Write
X
90H
Read
IA
IID
Read Status Register
2
3
Write
X
70H
Read
X
SRD
Clear Status Register
1
Write
X
50H
Erase SetupErase Confirm
2
2
Write
BA
20H
Write
BA
D0H
Erase SuspendErase Resume
2
Write
X
B0H
Write
X
D0H
Byte Write SetupWrite
2
2 3 5
Write
WA
40H
Write
WA
WD
Alternate Byte Write SetupWrite
2
2 3 5
Write
WA
10H
Write
WA
WD
NOTES
1 Bus operations are defined in Table 2
2 IA e Identifier Address 00H for manufacturer code 01H for device code
BA e Address within the block being erased
WA e Address of memory location to be written
3 SRD e Data read from Status Register See Table 4 for a description of the Status Register bits
WD e Data to be written at location WA Data is latched on the rising edge of WE
IID e Data read from intelligent identifiers
4 Following the intelligent identifier command two read operations access manufacture and device codes
5 Either 40H or 10H are recognized by the WSM as the Byte Write Setup command
6 Commands other than those shown above are reserved by Intel for future device implementations and should not be
used
Write
Writes to the Command User Interface enable read-
ing of device data and intelligent identifier They also
control inspection and clearing of the Status Regis-
ter Additionally when VPP e VPPH the Command
User Interface controls block erasure and byte write
The contents of the interface register serve as input
to the internal write state machine
The Command User Interface itself does not occupy
an addressable memory location The interface reg-
ister is a latch used to store the command and ad-
dress and data information needed to execute the
command Erase Setup and Erase Confirm com-
mands require both appropriate command data and
an address within the block to be erased The Byte
Write Setup command requires both appropriate
command data and the address of the location to be
written while the Byte Write command consists of
the data to be written and the address of the loca-
tion to be written
The Command User Interface is written by bringing
WE to a logic-low level (VIL) while CE is low Ad-
dresses and data are latched on the rising edge of
WE
Standard microprocessor write timings are
used
Refer to AC Write Characteristics and the AC Wave-
forms for Write Operations Figure 9 for specific tim-
ing parameters
COMMAND DEFINITIONS
When VPPL is applied to the VPP pin read opera-
tions from the Status Register intelligent identifier
or array blocks are enabled Placing VPPH on VPP
enables successful byte write and block erase oper-
ations as well
Device operations are selected by writing specific
commands into the Command User Interface Table
3 defines the VE28F008 commands
Read Array Command
Upon initial device powerup and after exit from deep
powerdown mode the VE28F008 defaults to Read
Array mode This operation is also initiated by writing
FFH into the Command User Interface Microproces-
sor read cycles retrieve array data The device re-
mains enabled for reads until the Command User
Interface contents are altered Once the internal
Write State Machine has started a block erase or
byte write operation the device will not recognize
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com