Electronic Components Datasheet Search
  English  ▼

X  

28F008SA Datasheet(PDF) 25 Page - Intel Corporation

Part # 28F008SA
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 25 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 18Page - Intel Corporation 28F008SA Datasheet HTML 19Page - Intel Corporation 28F008SA Datasheet HTML 20Page - Intel Corporation 28F008SA Datasheet HTML 21Page - Intel Corporation 28F008SA Datasheet HTML 22Page - Intel Corporation 28F008SA Datasheet HTML 23Page - Intel Corporation 28F008SA Datasheet HTML 24Page - Intel Corporation 28F008SA Datasheet HTML 25Page - Intel Corporation 28F008SA Datasheet HTML 26Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
VE28F008
40-LEAD THIN SMALL OUT-LINE PACKAGE (TSOP)
271305 – 14
Family Thin Small Out-Line Package
Symbol
Millimeters
Notes
Inches
Notes
Min
Nom
Max
Min
Nom
Max
A
1200
0047
A1
0050
0002
A2
0965
0995
1025
0038
0039
0040
b
0150
0200
0300
0006
0008
0012
c
0115
0125
0135
00045
00049
00053
D1
18200
18400
18600
1
0717
0724
0732
E
9800
10000
10200
1
0386
0394
0402
e1
0500
00197
D
19800
20000
20200
0780
0787
0795
L1
0500
0600
0700
0020
0024
0028
N40
40
i
0
3
5
0
3
5
Y
0100
0004
Z
0150
0250
0350
0006
0010
0014
NOTE
Profile tolerance zones for D1 and E do not include mold protrusion Allowable mold protrusion on D1 is 025 mm per side
and on E is 015 mm per side
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com