Electronic Components Datasheet Search
  English  ▼

X  

28F008SA Datasheet(PDF) 23 Page - Intel Corporation

Part # 28F008SA
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 23 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 18Page - Intel Corporation 28F008SA Datasheet HTML 19Page - Intel Corporation 28F008SA Datasheet HTML 20Page - Intel Corporation 28F008SA Datasheet HTML 21Page - Intel Corporation 28F008SA Datasheet HTML 22Page - Intel Corporation 28F008SA Datasheet HTML 23Page - Intel Corporation 28F008SA Datasheet HTML 24Page - Intel Corporation 28F008SA Datasheet HTML 25Page - Intel Corporation 28F008SA Datasheet HTML 26Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
VE28F008
ALTERNATIVE CE-CONTROLLED WRITES(1)
Symbol
Parameter
Notes
VE28F008-95(6)
Unit
Min
Max
tAVAV
tWC
Write Cycle Time
95
ns
tPHEL
tPS
RP High Recovery to CE Going Low
2
1
m
s
tWLEL
tWS
WE Setup to CE Going Low
0
ns
tELEH
tCP
CE Pulse Width
50
ns
tVPEH
tVPS
VPP Setup to CE Going High
2
100
ns
tAVEH
tAS
Address Setup to CE Going High
3
40
ns
tDVEH
tDS
Data Setup to CE Going High
4
40
ns
tEHDX
tDH
Data Hold from CE High
5
ns
tEHAX
tAH
Address Hold from CE High
5
ns
tEHWH
tWH
WE Hold from CE High
0
ns
tEHEL
tEPH
CE Pulse Width High
25
ns
tEHRL
CE High to RYBY Going Low
100
ns
tEHQV1
Duration of Byte Write Operation
5
6
m
s
tEHQV2
Duration of Block Erase Operation
5
03
sec
tEHGL
Write Recovery before Read
0
m
s
tQVVL
tVPH
VPP Hold from Valid SRD RYBY High
2 5
0
ns
NOTES
1 Chip-Enable Controlled Writes Write operations are driven by the valid combination of CE and WE In systems where CE
defines the write pulsewidth (within a longer WE timing waveform) all setup hold and inactive WE times should be mea-
sured relative to the CE waveform
2 Sampled not 100% tested
3 Refer to Table 3 for valid AIN for byte write or block erasure
4 Refer to Table 3 for valid DIN for byte write or block erasure
5 Byte write and block erase durations are measured to completion (SR7 e 1 RYBY e VOH) VPP should be held at
VPPH until determination of byte writeblock erase success (SR345 e 0)
6 See AC InputOutput Reference Waveforms and AC Testing Load Circuits for testing characteristics
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com