Electronic Components Datasheet Search
  English  ▼

X  

28F008SA Datasheet(PDF) 11 Page - Intel Corporation

Part # 28F008SA
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 11 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 7Page - Intel Corporation 28F008SA Datasheet HTML 8Page - Intel Corporation 28F008SA Datasheet HTML 9Page - Intel Corporation 28F008SA Datasheet HTML 10Page - Intel Corporation 28F008SA Datasheet HTML 11Page - Intel Corporation 28F008SA Datasheet HTML 12Page - Intel Corporation 28F008SA Datasheet HTML 13Page - Intel Corporation 28F008SA Datasheet HTML 14Page - Intel Corporation 28F008SA Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
VE28F008
EXTENDED BLOCK ERASEBYTE
WRITE CYCLING
Intel has designed extended cycling capability into
its
ETOX
flash
memory
technologies
The
VE28F008 is designed for 10000 byte writeblock
erase cycles on each of the sixteen 64 Kbyte blocks
Low electric fields advanced oxides and minimal ox-
ide area per cell subjected to the tunneling electric
field combine to greatly reduce oxide stress and the
probability of failure A 20 Mbyte solid-state drive us-
ing an array of VE28F008s has a MTBF (Mean Time
Between Failure) of 333 million hours(1)
AUTOMATED BYTE WRITE
The VE28F008 integrates the Quick-Pulse program-
ming algorithm of prior Intel Flash devices on-chip
using the Command User Interface Status Register
and Write State Machine (WSM) On-chip integration
dramatically simplifies system software and provides
processor interface timings to the Command User
Interface and Status Register WSM operation inter-
nal verify and VPP high voltage presence are moni-
tored and reported via the RYBY output and appro-
priate Status Register bits Figure 5 shows a system
software flowchart for device byte write The entire
sequence is performed with VPP at VPPH Byte write
abort occurs when RP transitions to VIL orVPP
drops to VPPL Although the WSM is halted byte
data is partially written at the location where byte
write was aborted Block erasure or a repeat of byte
write is required to initialize this data to a known
value
AUTOMATED BLOCK ERASE
As above the Quick-Erase algorithm of prior Intel
Flash devices is now implemented internally includ-
ing all preconditioning of block data WSM opera-
tion erase success and VPP high voltage presence
are monitored and reported through RYBY and the
Status Register Additionally if a command other
than Erase Confirm is written to the device following
Erase Setup both the Erase Status and Byte Write
Status bits will be set to ‘‘1’’s When issuing the
Erase Setup and Erase Confirm commands they
should be written to an address within the address
range of the block to be erased Figure 6 shows a
system software flowchart for block erase
Erase typically takes 16 seconds per block The
Erase SuspendErase Resume command sequence
allows suspension of this erase operation to read
data from a block other than that in which erase is
being performed A system software flowchart is
shown in Figure 7
The entire sequence is performed with VPP at VPPH
Abort occurs when RP transitions to VIL or VPP falls
to VPPL while erase is in progress Block data is
partially erased by this operation and a repeat of
erase is required to obtain a fully erased block
DESIGN CONSIDERATIONS
Three-Line Output Control
The VE28F008 will often be used in large memory
arrays Intel provides three control inputs to accom-
modate multiple memory connections Three-line
control provides for
a) lowest possible memory power dissipation
b) complete assurance that data bus contention will
not occur
To efficiently use these control inputs an address
decoder should enable CE while OE should be con-
nected to all memory devices and the system’s
READ control line This assures that only selected
memory devices have active outputs while deselect-
ed memory devices are in Standby Mode Finally
RP should either be tied to the system RESET or
connected to VCC if unused
RYBY and Byte WriteBlock Erase
Polling
RYBY is a full CMOS output that provides a hard-
ware method of detecting byte write and block erase
completion It transitions low time tWHRL after a
write or erase command sequence is written to the
VE28F008 and returns to VOH when the WSM has
finished executing the internal algorithm
RYBY can be connected to the interrupt input of
the system CPU or controller It is active at all times
not tri-stated if the VE28F008 CE or OE inputs are
brought to VIH RYBY is also VOH when the device
is in Erase Suspend or deep powerdown modes
(1)Assumptions 10 Kbyte file written every 10 minutes (20 Mbyte array)(10 Kbyte file) e 2000 file writes before erase required
(2000 files writeserase) c (10000 cycles per VE28F008 block) e 20 million file writes
(20 c 106 file writes) c (10 minwrite) c (1 hr60 min) e 333 c 106 MTBF
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com