Electronic Components Datasheet Search
  English  ▼

X  

8741AH Datasheet(PDF) 13 Page - Intel Corporation

Part # 8741AH
Description  UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8741AH Datasheet(HTML) 13 Page - Intel Corporation

Back Button 8741AH Datasheet HTML 9Page - Intel Corporation 8741AH Datasheet HTML 10Page - Intel Corporation 8741AH Datasheet HTML 11Page - Intel Corporation 8741AH Datasheet HTML 12Page - Intel Corporation 8741AH Datasheet HTML 13Page - Intel Corporation 8741AH Datasheet HTML 14Page - Intel Corporation 8741AH Datasheet HTML 15Page - Intel Corporation 8741AH Datasheet HTML 16Page - Intel Corporation 8741AH Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
UPI-41AH42AH
AC CHARACTERISTICS TA e 0 Cto a70 C VSS e 0V VCC e VDD ea5V g10%
DBB READ
Symbol
Parameter
Min
Max
Units
tAR
CS A0 Setup to RD
v
0ns
tRA
CS A0 Hold After RD
u
0ns
tRR
RD Pulse Width
160
ns
tAD
CS A0 to Data Out Delay
130
ns
tRD
RD
v to Data Out Delay
0
130
ns
tDF
RD
u to Data Float Delay
85
ns
DBB WRITE
Symbol
Parameter
Min
Max
Units
tAW
CS A0 Setup to WR
v
0ns
tWA
CS A0 Hold After WR
u
0ns
tWW
WR Pulse Width
160
ns
tDW
Data Setup to WR
u
130
ns
tWD
Data Hold After WR
u
0ns
CLOCK
Symbol
Parameter
Min
Max
Units
tCY (UPI-41AH42AH)
Cycle Time
12
920
m
s(1)
tCYC (UPI-41AH42AH)
Clock Period
80
613
ns
tPWH
Clock High Time
30
ns
tPWL
Clock Low Time
30
ns
tR
Clock Rise Time
10
ns
tF
Clock Fall Time
10
ns
NOTE
1 tCY e 15f(XTAL)
AC CHARACTERISTICS DMA
Symbol
Parameter
Min
Max
Units
tACC
DACK to WR or RD
0
ns
tCAC
RD or WR to DACK
0
ns
tACD
DACK to Data Valid
DACK to Data Valid
0
130
ns
tCRQ
RD or WR to DRQ Cleared
110
ns(1)
NOTE
1 CL e 150 pF
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com