Electronic Components Datasheet Search
  English  ▼

X  

8741AH Datasheet(PDF) 14 Page - Intel Corporation

Part # 8741AH
Description  UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8741AH Datasheet(HTML) 14 Page - Intel Corporation

Back Button 8741AH Datasheet HTML 10Page - Intel Corporation 8741AH Datasheet HTML 11Page - Intel Corporation 8741AH Datasheet HTML 12Page - Intel Corporation 8741AH Datasheet HTML 13Page - Intel Corporation 8741AH Datasheet HTML 14Page - Intel Corporation 8741AH Datasheet HTML 15Page - Intel Corporation 8741AH Datasheet HTML 16Page - Intel Corporation 8741AH Datasheet HTML 17Page - Intel Corporation 8741AH Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
UPI-41AH42AH
AC CHARACTERISTICSPROGRAMMING
TA e 25 C g5 C VCC e 6V g025V VDDL ea5V g025V VDDH e 125V g05V
(8741AH8742AH ONLY)
Symbol
Parameter
Min
Max
Units
tAW
Address Setup Time to RESET
u
4tCY
tWA
Address Hold Time After RESET
u
4tCY
tDW
Data in Setup Time to PROG
v
4tCY
tWD
Data in Hold Time After PROG
u
4tCY
tPW
Initial Program Pulse Width
095
105
ms(1)
tTW
Test 0 Setup Time for Program Mode
4tCY
tWT
Test 0 Hold Time After Program Mode
4tCY
tDO
Test 0 to Data Out Delay
4tCY
tWW
RESET Pulse Width to Latch Address
4tCY
tr tf
PROG Rise and Fall Times
05
100
m
s
tCY
CPU Operation Cycle Time
25
375
m
s
tRE
RESET Setup Time Before EA
u
4tCY
tOPW
Overprogram Pulse Width
285
7875
ms(2)
tDE
EA High to VDD High
1tCY
NOTES
1 Typical Initial Program Pulse width tolerance e 1ms g5%
2 This variation is a function of the iteration counter value X
3 If TEST 0 is high tDO can be triggered by RESET
u
AC CHARACTERISTICS PORT 2 TA e 0 Cto a70 C VCC ea5V g10%
Symbol
Parameter
f(tCY)(3)
Min
Max
Units
tCP
Port Control Setup Before Falling Edge of PROG
115 tCYb28
55
ns(1)
tPC
Port Control Hold After Falling Edge of PROG
110 tCY
125
ns(2)
tPR
PROG to Time P2 Input Must Be Valid
815 tCYb16
650
ns(1)
tPF
Input Data Hold Time
0
150
ns(2)
tDP
Output Data Setup Time
210 tCY
250
ns(1)
tPD
Output Data Hold Time
110 tCYb80
45
ns(2)
tPP
PROG Pulse Width
610 tCY
750
ns
NOTES
1 CL e 80 pF
2 CL e 20 pF
3 tCY e 125 ms
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com