Electronic Components Datasheet Search
  English  ▼

X  

8741AH Datasheet(PDF) 2 Page - Intel Corporation

Part # 8741AH
Description  UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8741AH Datasheet(HTML) 2 Page - Intel Corporation

  8741AH Datasheet HTML 1Page - Intel Corporation 8741AH Datasheet HTML 2Page - Intel Corporation 8741AH Datasheet HTML 3Page - Intel Corporation 8741AH Datasheet HTML 4Page - Intel Corporation 8741AH Datasheet HTML 5Page - Intel Corporation 8741AH Datasheet HTML 6Page - Intel Corporation 8741AH Datasheet HTML 7Page - Intel Corporation 8741AH Datasheet HTML 8Page - Intel Corporation 8741AH Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
UPI-41AH42AH
210393 – 1
Figure 3 Block Diagram
UPI PRODUCT MATRIX
UPI
ROM
OTP
RAM
Programming
Device
EPROM
Voltage
8042AH
2K
256
8242AH
2K
256
8742AH
2K
256
125V
8041AH
1K
128
8741AH
1K
128
125V
THE INTEL 8242
As shown in the UPI-42 product matrix the UPI-42
will be offered as a pre-programmed 8042 with sev-
eral software vendors’ keyboard controller firmware
The current list of available 8242 versions include
keyboard controller firmware from both Phoenix
Technologies Ltd
IBM and Award Software Inc
The 8242 is programmed with Phoenix Technologies
Ltd keyboard controller firmware for AT-compatible
systems This keyboard controller is fully compatible
with all AT-compatible operating systems and appli-
cations The 8242PC also contains Phoenix Tech-
nologies Ltd
firmware
This keyboard controller
provides support for AT PS2 and most EISA plat-
forms as well as PS2-style mouse support for either
AT or PS2 platforms
The Intel 8242BB is programmed with IBM’s key-
board controller firmware The 8242BB provides an
off the shelf keyboard and auxiliary device controller
for AT PS2 EISA and PCI architectures
The 8242WA contains Award Software Inc firm-
ware This device provides at AT-compatible key-
board controller for use in IBM PC AT compatible
computers
The 8242WB contains a version of
Award Software Inc firmware that provides PS2
style mouse support in addition to the standard fea-
tures of the 8242WA
Contact factory for current code revision available in all versions of the 8242 product lines
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com