Electronic Components Datasheet Search
  English  ▼

X  

8741AH Datasheet(PDF) 5 Page - Intel Corporation

Part # 8741AH
Description  UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8741AH Datasheet(HTML) 5 Page - Intel Corporation

  8741AH Datasheet HTML 1Page - Intel Corporation 8741AH Datasheet HTML 2Page - Intel Corporation 8741AH Datasheet HTML 3Page - Intel Corporation 8741AH Datasheet HTML 4Page - Intel Corporation 8741AH Datasheet HTML 5Page - Intel Corporation 8741AH Datasheet HTML 6Page - Intel Corporation 8741AH Datasheet HTML 7Page - Intel Corporation 8741AH Datasheet HTML 8Page - Intel Corporation 8741AH Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
UPI-41AH42AH
5
P26 and P27 are port pins or DMA handshake pins
for use with a DMA controller These pins default
to port pins on Reset
If the ‘‘EN DMA’’ instruction has been executed
P26 becomes the DRQ (DMA Request) pin A ‘‘1’’
written to P26 causes a DMA request (DRQ is acti-
vated)
DRQ
is
deactivated
by
DACK
RD
DACK
WR or execution of the ‘‘EN DMA’’ in-
struction
If ‘‘EN DMA’’ has been executed P27 becomes
the DACK (DMA ACKnowledge) pin This pin acts
as a chip select input for the Data Bus Buffer reg-
isters during DMA transfers
210393 – 7
DMA Handshake Capability
EN DMA
Op Code 0E5H
1
110010
1
D7
D0
6
When EA is enabled on the UPI the program
counter is placed on Port 1 and the lower three
bits of Port 2 (MSB e P22 LSB e P10) On the
UPI this information is multiplexed with PORT
DATA (see port timing diagrams at end of this
data sheet)
7
The 8741AH and 8742AH support the inteligent
Programming Algorithm (See the Programming
Section)
210393 – 8
Figure 5 8088-UPI-41AH42AH Interface
210393 – 10
Figure 6 8048H-UPI-4142 Interface
210393 – 9
Figure 7 UPI-4142-8243 Keyboard Scanner
APPLICATIONS
210393 – 30
Figure 4 UPI-41AH42AH Keyboard Controller
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com