Electronic Components Datasheet Search
  English  ▼

X  

8741AH Datasheet(PDF) 4 Page - Intel Corporation

Part # 8741AH
Description  UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8741AH Datasheet(HTML) 4 Page - Intel Corporation

  8741AH Datasheet HTML 1Page - Intel Corporation 8741AH Datasheet HTML 2Page - Intel Corporation 8741AH Datasheet HTML 3Page - Intel Corporation 8741AH Datasheet HTML 4Page - Intel Corporation 8741AH Datasheet HTML 5Page - Intel Corporation 8741AH Datasheet HTML 6Page - Intel Corporation 8741AH Datasheet HTML 7Page - Intel Corporation 8741AH Datasheet HTML 8Page - Intel Corporation 8741AH Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
UPI-41AH42AH
UPI-41AH and UPI-42AH FEATURES
1
Two Data Bus Buffers one for input and one for
output This allows a much cleaner MasterSlave
protocol
210393 – 4
2
8 Bits of Status
ST7 ST6 ST5 ST4 F1 F0 IBF OBF
D7
D6
D5
D4 D3 D2 D1
D0
ST4–ST7 are user definable status bits These
bits are defined by the ‘‘MOV STS A’’ single byte
single cycle instruction Bits 4 – 7 of the acccumu-
lator are moved to bits 4 – 7 of the status register
Bits 0 – 3 of the status register are not affected
MOV STS A
Op Code 90H
1
001000
0
D7
D0
3
RD and WR are edge triggered IBF OBF F1 and
INT change internally after the trailing edge of RD
or WR
210393 – 6
During the time that the host CPU is reading the
status register the UPI is prevented from updat-
ing this register or is ‘locked out’
4
P24 and P25 are port pins or Buffer Flag pins
which can be used to interrupt a master proces-
sor These pins default to port pins on Reset
If the ‘‘EN FLAGS’’ instruction has been execut-
ed P24 becomes the OBF (Output Buffer Full) pin
A ‘‘1’’ written to P24 enables the OBF pin (the pin
outputs the OBF Status Bit) A ‘‘0’’ written to P24
disables the OBF pin (the pin remains low) This
pin can be used to indicate that valid data is avail-
able from the UPI (in Output Data Bus Buffer)
If ‘‘EN FLAGS’’ has been executed P25 becomes
the IBF (Input Buffer Full) pin A ‘‘1’’ written to P25
enables the IBF pin (the pin outputs the inverse of
the IBF Status Bit A ‘‘0’’ written to P25 disables
the IBF pin (the pin remains low) This pin can be
used to indicate that the UPI is ready for data
210393 – 5
Data Bus Buffer Interrupt Capability
EN FLAGS
Op Code 0F5H
1
1
11010
1
D7
D0
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com