Electronic Components Datasheet Search
  English  ▼

X  

AD7918 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7918
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7918 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7918_15 Datasheet HTML 8Page - Analog Devices AD7918_15 Datasheet HTML 9Page - Analog Devices AD7918_15 Datasheet HTML 10Page - Analog Devices AD7918_15 Datasheet HTML 11Page - Analog Devices AD7918_15 Datasheet HTML 12Page - Analog Devices AD7918_15 Datasheet HTML 13Page - Analog Devices AD7918_15 Datasheet HTML 14Page - Analog Devices AD7918_15 Datasheet HTML 15Page - Analog Devices AD7918_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7908/AD7918/AD7928
Data Sheet
Rev. E | Page 12 of 28
TERMINOLOGY
Integral Nonlinearity
This is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The
endpoints of the transfer function are zero scale, a position 1 LSB
below the first code transition, and full scale, a position 1 LSB
above the last code transition.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Offset Error
This is the deviation of the first code transition (00 . . . 000) to
(00 . . . 001) from the ideal, that is, AGND + 1 LSB.
Offset Error Match
This is the difference in offset error between any two channels.
Gain Error
This is the deviation of the last code transition (111 . . . 110) to
(111 . . . 111) from the ideal (that is, REFIN – 1 LSB) after the
offset error has been adjusted out.
Gain Error Match
This is the difference in gain error between any two channels.
Zero Code Error
This applies when using the twos complement output coding
option, in particular to the 2 × REFIN input range with −REFIN
to +REFIN biased about the REFIN point. It is the deviation of the
midscale transition (all 0s to all 1s) from the ideal VIN voltage,
that is, REFIN − 1 LSB.
Zero Code Error Match
This is the difference in zero code error between any two
channels.
Positive Gain Error
This applies when using the twos complement output coding
option, in particular to the 2 × REFIN input range with −REFIN
to +REFIN biased about the REFIN point. It is the deviation of the
last code transition (011. . .110) to (011 . . . 111) from the ideal
(that is, +REFIN − 1 LSB) after the zero code error has been
adjusted out.
Positive Gain Error Match
This is the difference in positive gain error between any two
channels.
Negative Gain Error
This applies when using the twos complement output coding
option, in particular to the 2 × REFIN input range with −REFIN
to +REFIN biased about the REFIN point. It is the deviation of the
first code transition (100 . . . 000) to (100 . . . 001) from the ideal
(that is, −REFIN + 1 LSB) after the zero code error has been
adjusted out.
Negative Gain Error Match
This is the difference in negative gain error between any two
channels.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of
crosstalk between channels. It is measured by applying a full-
scale 400 kHz sine wave signal to all seven nonselected input
channels and determining how much that signal is attenuated
in the selected channel with a 50 kHz signal. The figure is given
worst case across all eight channels for the AD7908/AD7918/
AD7928.
Power Supply Rejection (PSR)
Variations in power supply affect the full-scale transition, but
not the converter’s linearity. Power supply rejection is the
maximum change in full-scale transition point due to a change
in power-supply voltage from the nominal value (see the
Performance Curves section).
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns to track mode at the end
of conversion. Track-and-hold acquisition time is the time
required for the output of the track-and-hold amplifier to reach
its final value, within ±1 LSB, after the end of conversion.
Signal-to-(Noise + Distortion) Ratio
This is the measured ratio of signal-to-(noise + distortion) at
the output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up
to half the sampling frequency (fS/2), excluding dc. The ratio is
dependent on the number of quantization levels in the
digitization process; the more levels, the smaller the
quantization noise. The theoretical signal-to-(noise +
distortion) ratio for an ideal N-bit converter with a sine wave
input is given by
Signal-to-(Noise + Distortion) = (6.02N + 1.76)dB
Thus for a 12-bit converter, this is 74 dB; for a 10-bit converter,
this is 62 dB; and for an 8-bit converter, this is 50 dB.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the rms sum of
harmonics to the fundamental. For the AD7908/AD7918/
AD7928, it is defined as:
( )
1
2
6
2
5
2
4
2
3
2
2
log
20
V
V
V
V
V
V
dB
THD
+
+
+
+
=
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through the
sixth harmonics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com