Electronic Components Datasheet Search
  English  ▼

X  

AD7918 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7918
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7918 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7918_15 Datasheet HTML 10Page - Analog Devices AD7918_15 Datasheet HTML 11Page - Analog Devices AD7918_15 Datasheet HTML 12Page - Analog Devices AD7918_15 Datasheet HTML 13Page - Analog Devices AD7918_15 Datasheet HTML 14Page - Analog Devices AD7918_15 Datasheet HTML 15Page - Analog Devices AD7918_15 Datasheet HTML 16Page - Analog Devices AD7918_15 Datasheet HTML 17Page - Analog Devices AD7918_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7908/AD7918/AD7928
Data Sheet
Rev. E | Page 14 of 28
fSAMPLE = 1MSPS
TA = 25°C
RANGE = 0V TO REFIN
AVDD = 5.25V
RIN = 1000Ω
RIN = 50Ω
RIN = 100Ω
RIN = 10Ω
–50
–60
–55
–70
–65
–80
–75
–85
–90
10
100
1000
INPUT FREQUENCY (kHz)
Figure 8. AD7928 THD vs. Analog Input Frequency for
Various Source Impedances
1.0
0.6
0.8
0.2
0.4
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
1024
2048
3072
1536
512
2560
3584
4096
CODE
AVDD = VDRIVE = 5V
TEMPERATURE = 25°C
Figure 9. AD7928 Typical INL
0
1.0
0.6
0.8
0.2
0.4
–0.2
–0.4
–0.6
–0.8
–1.0
0
1024
2048
3072
1536
512
2560
3584
4096
CODE
AVDD = VDRIVE = 5V
TEMPERATURE = 25°C
Figure 10. AD7928 Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com