Electronic Components Datasheet Search
  English  ▼

X  

AD7918 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7918
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7918 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7918_15 Datasheet HTML 18Page - Analog Devices AD7918_15 Datasheet HTML 19Page - Analog Devices AD7918_15 Datasheet HTML 20Page - Analog Devices AD7918_15 Datasheet HTML 21Page - Analog Devices AD7918_15 Datasheet HTML 22Page - Analog Devices AD7918_15 Datasheet HTML 23Page - Analog Devices AD7918_15 Datasheet HTML 24Page - Analog Devices AD7918_15 Datasheet HTML 25Page - Analog Devices AD7918_15 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD7908/AD7918/AD7928
Data Sheet
Rev. E | Page 22 of 28
the operation of the AD7908/AD7918/AD7928 in this mode. In
shutdown mode, all internal circuitry on the AD7908/AD7918/
AD7928 is powered down. The part retains information in the
control register during shutdown. The AD7908/AD7918/
AD7928 remains in shutdown until the next CS falling edge it
receives. On this CS falling edge, the track-and-hold that was in
hold while the part was in shutdown returns to track. Wakeup
time from auto shutdown is 1 μs, and the user should ensure
that 1 μs has elapsed before attempting a valid conversion.
When running the AD7908/AD7918/AD7928 with a 20 MHz
clock, one dummy cycle should be sufficient to ensure the part
is fully powered up. During this dummy cycle the contents of
the control register should remain unchanged; therefore the
WRITE bit should be 0 on the DIN line. This dummy cycle
effectively halves the throughput rate of the part, with every
other conversion result being valid. In this mode, the power
consumption of the part is greatly reduced with the part entering
shutdown at the end of each conversion. When the control
register is programmed to move into auto shutdown, it does so
at the end of the conversion. The user can move the ADC in
and out of the low power state by controlling the CS signal.
Powering Up the AD7908/AD7918/AD7928
When supplies are first applied to the AD7908/AD7918/
AD7928, the ADC can power up in any of the operating modes
of the part. To ensure the part is placed into the required
operating mode, the user should perform a dummy cycle
operation as outlined in Figure 24.
CS
SCLK
DOUT
DIN
1
16
14
1
PART IS IN
FULL SHUTDOWN
PART BEGINS TO POWER UP ON
CS RISING EDGE AS PM1 = PM0 = 1
THE PART IS FULLY POWERED UP
ONCE
tPOWER UP HAS ELAPSED
CONTROL REGISTER IS LOADED ON THE FIRST 12 CLOCKS.
PM1 = 1, PM0 = 1
TO KEEP THE PART IN NORMAL MODE,
LOAD PM1 = PM0 = 1 IN CONTROL REGISTER
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
DATA IN TO CONTROL REGISTER
DATA IN TO CONTROL/SHADOW REGISTER
16
14
t12
Figure 22. Full Shutdown Mode Operation
1
CS
SCLK
DOUT
DIN
16
1
6
1
1
16
DUMMY CONVERSION
CHANNEL IDENTIFIER
BITS + CONVERSION RESULT
CHANNEL IDENTIFIER
BITS + CONVERSION RESULT
INVALID DATA
DATA IN TO CONTROL/SHADOW REGISTER
DATA IN TO CONTROL/SHADOW REGISTER
TO KEEP PART IN THIS MODE, LOAD PM1 = 0,
PM0 = 1 IN CONTROL REGISTER OR SET WRITE BIT = 0
PART IS FULLY
POWERED UP
12
12
12
PART ENTERS SHUTDOWN ON CS
RISING EDGE AS PM1 = 0, PM0 = 1
PART BEGINS TO POWER
UP ON CS FALLING EDGE
PART ENTERS SHUTDOWN
ON CS RISING EDGE
AS PM1 = 0, PM0 = 1
CONTROL REGISTER IS LOADED ON THE
FIRST 12 CLOCKS, PM1 = 0, PM0 = 1
CONTROL REGISTER CONTENTS SHOULD
NOT CHANGE. WRITE BIT = 0
Figure 23. Auto Shutdown Mode Operation
1
CS
SCLK
DOUT
DIN
16
1
16
1
16
DUMMY CONVERSION
INVALID DATA
KEEP DIN LINE TIED HIGH FOR FIRST TWO DUMMY CONVERSIONS
CONTROL REGISTER IS LOADED ON THE FIRST
12 CLOCK EDGES
12
12
12
DUMMY CONVERSION
INVALID DATA
INVALID DATA
DATA IN TO CONTROL REGISTER
CORRECT VALUE IN CONTROL
REGISTER, VALID DATA FROM
NEXT CONVERSION, USER CAN
WRITE TO SHADOW REGISTER
IN NEXT CONVERSION
Figure 24. Placing AD7928 into the Required Operating Mode After Supplies are Applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com