Electronic Components Datasheet Search
  English  ▼

X  

AD7918 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7918
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7918 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7918_15 Datasheet HTML 20Page - Analog Devices AD7918_15 Datasheet HTML 21Page - Analog Devices AD7918_15 Datasheet HTML 22Page - Analog Devices AD7918_15 Datasheet HTML 23Page - Analog Devices AD7918_15 Datasheet HTML 24Page - Analog Devices AD7918_15 Datasheet HTML 25Page - Analog Devices AD7918_15 Datasheet HTML 26Page - Analog Devices AD7918_15 Datasheet HTML 27Page - Analog Devices AD7918_15 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD7908/AD7918/AD7928
Data Sheet
Rev. E | Page 24 of 28
The AD7908 outputs a leading zero and three channel address
bits that the conversion result corresponds to, followed by the
8-bit conversion result and four trailing zeros. The AD7918
outputs a leading zero and three channel address bits that the
conversion result corresponds to, followed by the 10-bit
conversion result and two trailing zeros. The 16-bit word read
from the AD7928 always contains a leading zero and three
channel address bits that the conversion result corresponds to,
followed by the 12-bit conversion result.
MICROPROCESSOR INTERFACING
The serial interface on the AD7908/AD7918/AD7928 allows the
part to be directly connected to a range of many different
microprocessors. This section explains how to interface the
AD7908/AD7918/AD7928 with some of the more common
microcontroller and DSP serial interface protocols.
AD7908/AD7918/AD7928 to TMS320C541
The serial interface on the TMS320C541 uses a continuous
serial clock and frame synchronization signals to synchronize
the data transfer operations with peripheral devices like the
AD7908/AD7918/AD7928. The CS input allows easy interfacing
between the TMS320C541 and the AD7908/AD7918/AD7928
without any glue logic required. The serial port of the
TMS320C541 is set up to operate in burst mode with internal
CLKX0 (Tx serial clock on Serial Port 0) and FSX0 (Tx frame
sync from Serial Port 0). The serial port control register (SPC)
must have the following setup: FO = 0, FSM = 1, MCM = 1, and
TXM = 1. The connection diagram is shown in Figure 26. It
should be noted that for signal processing applications, it is
imperative that the frame synchronization signal from the
TMS320C541 provides equidistant sampling. The VDRIVE pin of
the AD7908/AD7918/AD7928 takes the same supply voltage as
that of the TMS320C541. This allows the ADC to operate at a
higher voltage than the serial interface, that is, TMS320C541, if
necessary.
TMS320C5411
AD7908/
AD7918/
AD79281
CLKX
CLKR
DR
DT
FSX
FSR
VDD
SCLK
DOUT
DIN
CS
1ADDITIONAL PINS REMOVED FOR CLARITY.
VDRIVE
Figure 26. Interfacing to the TMS320C541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com