Electronic Components Datasheet Search
  English  ▼

X  

AD7918 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7918
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7918 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7918_15 Datasheet HTML 19Page - Analog Devices AD7918_15 Datasheet HTML 20Page - Analog Devices AD7918_15 Datasheet HTML 21Page - Analog Devices AD7918_15 Datasheet HTML 22Page - Analog Devices AD7918_15 Datasheet HTML 23Page - Analog Devices AD7918_15 Datasheet HTML 24Page - Analog Devices AD7918_15 Datasheet HTML 25Page - Analog Devices AD7918_15 Datasheet HTML 26Page - Analog Devices AD7918_15 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD7908/AD7918/AD7928
Rev. E | Page 23 of 28
POWER VS. THROUGHPUT RATE
By operating in auto shutdown mode on the AD7908/AD7918/
AD7928, the average power consumption of the ADC decreases
at lower throughput rates. Figure 25 shows how as the
throughput rate is reduced, the part remains in its shutdown
state longer and the average power consumption over time
drops accordingly.
For example, if the AD7928 is operated in a continuous
sampling mode with a throughput rate of 100 kSPS and an
SCLK of 20 MHz (AVDD = 5 V), and the device is placed in auto
shutdown mode, that is, if PM1 = 0 and PM0 = 1, then the
power consumption is calculated as follows:
The maximum power dissipation during normal operation is
13.5 mW (AVDD = 5 V). If the power-up time from auto
shutdown is one dummy cycle, that is, 1 μs, and the remaining
conversion time is another cycle, that is, 1 μs, then the AD7928
can be said to dissipate 13.5 mW for 2 μs during each
conversion cycle. For the remainder of the conversion cycle,
8 μs, the part remains in auto shutdown mode. The AD7928 can
be said to dissipate 2.5 μW for the remaining 8 μs of the
conversion cycle. If the throughput rate is 100 kSPS, the cycle
time is 10 μs and the average power dissipated during each cycle is
(2/10) × (13.5 mW) + (8 / 10) × (2.5 μW) = 2.702 mW
Figure 25 shows the maximum power vs. throughput rate when
using the auto shutdown mode with 3 V and 5 V supplies.
AVDD = 5V
AVDD = 3V
10
1
0.1
0.01
0
50
100
150
200
250
300
350
THROUGHPUT (kSPS)
Figure 25. AD7928 Power vs. Throughput Rate
SERIAL INTERFACE
Figure 27, Figure 28, and Figure 29 show the detailed timing
diagrams for serial interfacing to the AD7908, AD7918, and
AD7928, respectively. The serial clock provides the conversion
clock and also controls the transfer of information to and from
the AD7908/AD7918/AD7928 during each conversion.
The CS signal initiates the data transfer and conversion process.
The falling edge of CS puts the track-and-hold into hold mode,
takes the bus out of three-state; the analog input is sampled at
this point. The conversion is also initiated at this point and
requires 16 SCLK cycles to complete. The track-and-hold goes
back into track on the 14th SCLK falling edge as shown in
Figure 27, Figure 28, and Figure 29 at Point B, except when the
write is to the SHADOW register, in which case the track-and-
hold does not return to track until the rising edge of CS, that is,
Point C in Figure 30. On the 16th SCLK falling edge, the DOUT
line goes back into three-state. If the rising edge of CS occurs
before 16 SCLKs have elapsed, the conversion is terminated, the
DOUT line goes back into three-state, and the control register is
not updated; otherwise DOUT returns to three-state on the
16th SCLK falling edge as shown in Figure 27, Figure 28, and
Figure 29. Sixteen serial clock cycles are required to perform the
conversion process and to access data from the AD7908/
AD7918/AD7928. For the AD7908/AD7918/AD7928, the
8/10/12 bits of data are preceded by a leading zero and the
3-channel address bits (ADD2 to ADD0) identify which
channel the result corresponds to. CS going low provides the
leading zero to be read in by the microcontroller or DSP. The
three remaining address bits and data bits are then clocked out
by subsequent SCLK falling edges beginning with the first
address bit (ADD2). Thus the first falling clock edge on the
serial clock has a leading zero provided and also clocks out
Address Bit ADD2. The final bit in the data transfer is valid on
the 16th falling edge, having been clocked out on the previous
(15th) falling edge.
Writing of information to the control register takes place on the
first 12 falling edges of SCLK in a data transfer, assuming the
MSB, that is, the WRITE bit, has been set to 1. If the control
register is programmed to use the SHADOW register, then
writing of information to the SHADOW register takes place on
all 16 SCLK falling edges in the next serial transfer, as shown for
example on the AD7928 in Figure 30. Two sequence options can
be programmed in the SHADOW register. If the user does not
want to program a second sequence, then the eight LSBs should
be filled with zeros. The SHADOW register is updated upon the
rising edge of CS and the track-and-hold begins to track the
first channel selected in the sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com