Electronic Components Datasheet Search
  English  ▼

X  

AD7918 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7918
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7918 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7918_15 Datasheet HTML 20Page - Analog Devices AD7918_15 Datasheet HTML 21Page - Analog Devices AD7918_15 Datasheet HTML 22Page - Analog Devices AD7918_15 Datasheet HTML 23Page - Analog Devices AD7918_15 Datasheet HTML 24Page - Analog Devices AD7918_15 Datasheet HTML 25Page - Analog Devices AD7918_15 Datasheet HTML 26Page - Analog Devices AD7918_15 Datasheet HTML 27Page - Analog Devices AD7918_15 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD7908/AD7918/AD7928
Data Sheet
Rev. E | Page 28 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-153-AC
20
1
11
10
6.40 BSC
4.50
4.40
4.30
PIN 1
6.60
6.50
6.40
SEATING
PLANE
0.15
0.05
0.30
0.19
0.65
BSC
1.20 MAX
0.20
0.09
0.75
0.60
0.45
8°
0°
COPLANARITY
0.10
Figure 33. 20-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-20)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Linearity Error (LSB)3
Package Description
Package Option
AD7908BRU-REEL
−40°C to +85°C
±0.2
20-Lead TSSOP
RU-20
AD7908BRU-REEL7
−40°C to +85°C
±0.2
20-Lead TSSOP
RU-20
AD7908BRUZ
−40°C to +85°C
±0.2
20-Lead TSSOP
RU-20
AD7908BRUZ-REEL
−40°C to +85°C
±0.2
20-Lead TSSOP
RU-20
AD7908BRUZ-REEL7
−40°C to +85°C
±0.2
20-Lead TSSOP
RU-20
AD7908WYRUZ-REEL7
−40°C to +125°C
±0.2
20-Lead TSSOP
RU-20
AD7918BRU-REEL7
−40°C to +85°C
±0.5
20-Lead TSSOP
RU-20
AD7918BRUZ
−40°C to +85°C
±0.5
20-Lead TSSOP
RU-20
AD7918BRUZ-REEL
−40°C to +85°C
±0.5
20-Lead TSSOP
RU-20
AD7918BRUZ-REEL7
−40°C to +85°C
±0.5
20-Lead TSSOP
RU-20
AD7918WYRUZ-REEL7
−40°C to +125°C
±0.5
20-Lead TSSOP
RU-20
AD7928BRUZ
−40°C to +85°C
±1
20-Lead TSSOP
RU-20
AD7928BRUZ-REEL
−40°C to +85°C
±1
20-Lead TSSOP
RU-20
AD7928BRUZ-REEL7
−40°C to +85°C
±1
20-Lead TSSOP
RU-20
AD7928WBRUZ-REEL
−40°C to +125°C
±1
20-Lead TSSOP
RU-20
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
3 Linearity error here refers to integral linearity error.
AUTOMOTIVE PRODUCTS
The AD79x8W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
©2006–2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03089-0-1/14(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com