Electronic Components Datasheet Search
  English  ▼

X  

AD8189 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8189
Description  350 MHz Single-Supply Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8189 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8189 Datasheet HTML 3Page - Analog Devices AD8189 Datasheet HTML 4Page - Analog Devices AD8189 Datasheet HTML 5Page - Analog Devices AD8189 Datasheet HTML 6Page - Analog Devices AD8189 Datasheet HTML 7Page - Analog Devices AD8189 Datasheet HTML 8Page - Analog Devices AD8189 Datasheet HTML 9Page - Analog Devices AD8189 Datasheet HTML 10Page - Analog Devices AD8189 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
3
–6
–5
–4
–3
–2
–1
0
1
2
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0.1
1
10
100
1k
10k
FREQUENCY (MHz)
DUT
976Ω
50Ω
52.3Ω
GAIN
FLATNESS
Figure 5. AD8188 Frequency Response, VOUT = 200 mV p-p, RL = 1 kΩ
1
–8
–7
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1k
FREQUENCY (MHz)
DUT
976Ω
150Ω
50Ω
52.3Ω
Figure 6. AD8188 Frequency Response, VOUT = 2 V p-p, RL = 1 kΩ
1
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1k
FREQUENCY (MHz)
DUT
976Ω
150Ω
50Ω
52.3Ω
+85°C
+25°C
–40°C
Figure 7. AD8188 Large Signal Bandwidth vs. Temperature,
VOUT = 2 V p-p, RL = 1 kΩ
1
–6
–5
–4
–3
–2
–1
0
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
0.1
1
10
100
1k
10k
FREQUENCY (MHz)
GAIN
FLATNESS
Figure 8. AD8189 Frequency Response, VOUT = 200 mV p-p, RL = 150 Ω
1
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1k
FREQUENCY (MHz)
Figure 9. AD8189 Frequency Response, VOUT = 2 V p-p, RL = 150 Ω
1
–6
–5
–4
–3
–2
–1
0
0.1
1
10
100
1k
FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 10. AD8189 Large Signal Bandwidth vs. Temperature,
VOUT = 2 V p-p, RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com