Electronic Components Datasheet Search
  English  ▼

X  

AD8189 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8189
Description  350 MHz Single-Supply Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8189 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8189 Datasheet HTML 8Page - Analog Devices AD8189 Datasheet HTML 9Page - Analog Devices AD8189 Datasheet HTML 10Page - Analog Devices AD8189 Datasheet HTML 11Page - Analog Devices AD8189 Datasheet HTML 12Page - Analog Devices AD8189 Datasheet HTML 13Page - Analog Devices AD8189 Datasheet HTML 14Page - Analog Devices AD8189 Datasheet HTML 15Page - Analog Devices AD8189 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 12 of 24
TIME (2ns/DIV)
t0
tSETTLED
Figure 35. AD8188 Settling Time (0.1%), VOUT = 2 V Step, RL = 1 kΩ
2.3
–2.8
–2.3
–1.8
–1.3
–0.8
–0.3
0.3
0.8
1.3
1.8
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0
5
10
15
20
25
TIME (ns)
OUTPUT
SEL A/B
Figure 36. AD8188 Channel-to-Channel Switching Time,
VOUT = 2 V p-p, INxA = 3.5 V, INxB = 1.5 V
2.0
–1.0
–0.5
0
1.5
1.0
0.5
3.0
2.4
2.5
2.6
2.7
2.8
2.9
050
45
40
35
30
25
20
15
10
5
TIME (ns)
OUTPUT
SEL A/B
Figure 37. AD8188 Channel Switching Transient (Glitch),
INxA = INxB = 0 V
TIME (2ns/DIV)
t0
tSETTLED
Figure 38. AD8189 Settling Time (0.1%), VOUT = 2 V Step, RL = 150 Ω
2.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0
5
10
15
20
25
TIME (ns)
OUTPUT
SEL A/B
Figure 39. AD8189 Channel-to-Channel Switching Time,
VOUT = 2 V p-p, INxA = 3.0 V, INxB = 2.0 V
2.0
–1.0
–0.5
0
1.5
1.0
0.5
3.0
2.4
2.5
2.6
2.7
2.8
2.9
050
45
40
35
30
25
20
15
10
5
TIME (ns)
OUTPUT
SEL A/B
Figure 40. AD8189 Channel Switching Transient (Glitch),
INxA = INxB = VREF = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com