Electronic Components Datasheet Search
  English  ▼

X  

AD8189 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8189
Description  350 MHz Single-Supply Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8189 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8189 Datasheet HTML 16Page - Analog Devices AD8189 Datasheet HTML 17Page - Analog Devices AD8189 Datasheet HTML 18Page - Analog Devices AD8189 Datasheet HTML 19Page - Analog Devices AD8189 Datasheet HTML 20Page - Analog Devices AD8189 Datasheet HTML 21Page - Analog Devices AD8189 Datasheet HTML 22Page - Analog Devices AD8189 Datasheet HTML 23Page - Analog Devices AD8189 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 21 of 24
EVALUATION BOARD
An evaluation board has been designed and is offered for
running the AD8188/AD8189 on a single supply. The inputs
and outputs are ac-coupled and terminated with 75 Ω resistors.
For the AD8189, a potentiometer is provided to allow setting
VREF at any value between VCC and ground.
The logic control signals can be statically set by adding or
removing a jumper. If a fast signal is required to drive the logic
pins, an SMA connector can be used to deliver the signal, and a
place for a termination resistor is provided.
Figure 57. Component Side Board Layout
Figure 58. Circuit Side Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com