Electronic Components Datasheet Search
  English  ▼

X  

AD8189 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8189
Description  350 MHz Single-Supply Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8189 Datasheet(HTML) 3 Page - Analog Devices

  AD8189 Datasheet HTML 1Page - Analog Devices AD8189 Datasheet HTML 2Page - Analog Devices AD8189 Datasheet HTML 3Page - Analog Devices AD8189 Datasheet HTML 4Page - Analog Devices AD8189 Datasheet HTML 5Page - Analog Devices AD8189 Datasheet HTML 6Page - Analog Devices AD8189 Datasheet HTML 7Page - Analog Devices AD8189 Datasheet HTML 8Page - Analog Devices AD8189 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 3 of 24
SPECIFICATIONS
TA = 25°C. For the AD8188, VS = 5 V, RL = 1 kΩ to 2.5 V. For the AD8189, VS = 5 V, VREF = 2.5 V, RL = 150 Ω to 2.5 V; unless otherwise noted.
Table 1.
AD8188/AD8189
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth (Small Signal)
VOUT = 200 mV p-p
350
MHz
−3 dB Bandwidth (Large Signal)
VOUT = 2 V p-p
300
MHz
0.1 dB Flatness
VOUT = 200 mV p-p
70
MHz
Slew Rate (10% to 90% Rise Time)
VOUT = 2 V p-p, RL = 150 Ω
1000
V/μs
Settling Time to 0.1%
VIN = 1 V Step, RL = 150 Ω
6/7.5
ns
NOISE/DISTORTION PERFORMANCE
Differential Gain
3.58 MHz, RL = 150 Ω
0.05
%
Differential Phase
3.58 MHz, RL = 150 Ω
0.05
Degrees
All Hostile Crosstalk
5 MHz
−84/−78
dB
100 MHz
−52/−48
dB
Channel-to-Channel Crosstalk, RTI
5 MHz
−90/−85
dB
Off Isolation
5 MHz
−84/−95
dB
Input Voltage Noise
f = 100 kHz to 100 MHz
7/9
nV/√Hz
DC PERFORMANCE
Voltage Gain Error
No load
0.1
±0.3/±0.6
%
Voltage Gain Error Matching
Channel A to Channel B
0.04
±0.2/±0.2
%
VREF Gain Error
1 kΩ load
0.04
±0.6
%
Input Offset Voltage
0.2/0.5
±6.5/±7.0
mV
TMIN to TMAX
±8.0
mV
Input Offset Voltage Matching
Channel A to Channel B
0.2
±5.0/±5.5
mV
Input Offset Drift
10/5
μV/°C
Input Bias Current
1.5
4/4
μA
VREF Bias Current (AD8189 Only)
1.0
μA
INPUT CHARACTERISTICS
Input Resistance
@ 100 kHz
1.8/1.3
MΩ
Input Capacitance
0.9/1.0
pF
Input Voltage Range (About Midsupply)
IN0A, IN0B, IN1A, IN1B, IN2A, IN2B
±1.2
V
VREF
+0.9/−1.2
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 kΩ
3.1/2.8
3.2/3.0
V p-p
RL = 150 Ω
2.8/2.5
3.0/2.7
V p-p
Short-Circuit Current
85
mA
Output Resistance
Enabled @ 100 kHz
0.2/0.35
Ω
Disabled @ 100 kHz
1000/600
kΩ
Output Capacitance
Disabled
1.5/2.0
pF
POWER SUPPLY
Operating Range
3.5
5.5
V
Power Supply Rejection Ratio
+PSRR, VCC = 4.5 V to 5.5 V, VEE = 0 V
−72/−61
dB
−PSRR, VEE = −0.5 V to +0.5 V, VCC = 5.0 V
−76/−72
dB
Quiescent Current
All channels on
18.5/19.5
21.5/22.5
mA
All channels off
3.5/4.5
4.5/5.5
mA
TMIN to TMAX, all channels on
15
23
mA
SWITCHING CHARACTERISTICS
Channel-to-Channel Switching Time
50% logic to 50% output settling, INxA = +1 V,
INxB = −1 V
3.6/4
ns
Enable-to-Channel On Time
50% logic to 50% output settling, input = 1 V
4/3.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com