Electronic Components Datasheet Search
  English  ▼

X  

AD8189 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8189
Description  350 MHz Single-Supply Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8189 Datasheet(HTML) 2 Page - Analog Devices

  AD8189 Datasheet HTML 1Page - Analog Devices AD8189 Datasheet HTML 2Page - Analog Devices AD8189 Datasheet HTML 3Page - Analog Devices AD8189 Datasheet HTML 4Page - Analog Devices AD8189 Datasheet HTML 5Page - Analog Devices AD8189 Datasheet HTML 6Page - Analog Devices AD8189 Datasheet HTML 7Page - Analog Devices AD8189 Datasheet HTML 8Page - Analog Devices AD8189 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
Maximum Power Dissipation ..................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 14
High Impedance Disable ........................................................... 14
Off Isolation ................................................................................ 14
Full Power Bandwidth vs. −3 dB Large Signal Bandwidth ... 14
Single-Supply Considerations................................................... 14
AC-Coupled Inputs.................................................................... 16
Tolerance to Capacitive Load.................................................... 16
Secondary Supplies and Supply Bypassing ............................. 16
Split-Supply Operation .............................................................. 16
Applications..................................................................................... 17
Single-Supply Operation ........................................................... 17
AC-Coupling............................................................................... 17
DC Restore .................................................................................. 19
High Speed Design Considerations ......................................... 20
Evaluation Board ............................................................................ 21
Schematics................................................................................... 23
Outline Dimensions ....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
10/06—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com